| Electronic Components Datasheet Search |
|
MCP2150-I/SS Datasheet(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2150-I/SS Datasheet(HTML) 4 Page - Microchip Technology |
|
4 / 52 page ![]() MCP2150 DS21655B-page 4 Preliminary 2002 Microchip Technology Inc. 1.1 Applications The MCP2150 Infrared Communications Controller supporting the IrDA standard provides embedded sys- tem designers the easiest way to implement IrDA stan- dard wireless connectivity. Figure 1-1 shows a typical application block diagram. Table 1-2 shows the pin definitions. TABLE 1-1: OVERVIEW OF FEATURES Infrared communication is a wireless two-way data connection, using infrared light generated by low-cost transceiver signaling technology. This provides reliable communication between two devices. Infrared technology offers: • Universal standard for connecting portable computing devices • Easy, effortless implementation • Economical alternative to other connectivity solutions • Reliable, high-speed connection • Safe to use in any environment (can even be used during air travel) • Eliminates the hassle of cables • Allows PCs and other electronic devices (such as PDAs, cell phones, etc.) to communicate with each other • Enhances mobility by allowing users to easily connect The MCP2150 allows the easy addition of IrDA stan- dard wireless connectivity to any embedded applica- tion that uses serial data. Figure 1-1 shows typical implementation of the MCP2150 in an embedded system. The IrDA protocols for printer support are not included in the IrCOMM 9-wire “cooked” service class. FIGURE 1-1: SYSTEM BLOCK DIAGRAM Features MCP2150 Serial Communications UART, IR Baud Rate Selection Hardware Low Power Mode Yes Resets (and Delays) RESET, POR (PWRT and OST) Packages 18-pin DIP, SOIC, 20-pin SSOP Encode Decode TX TXIR RX RXIR EN MCP2150 Host Controller TX RX Optical TXD RXD Power Down Logic Baud Rate Generator BAUD1 BAUD0 RTS CD UART Control CTS DSR DTR RI Transceiver (Microcontroller) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |