Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3301-BI/P Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3301-BI/P
Description  13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3301-BI/P Datasheet(HTML) 5 Page - Microchip Technology

  MCP3301-BI/P Datasheet HTML 1Page - Microchip Technology MCP3301-BI/P Datasheet HTML 2Page - Microchip Technology MCP3301-BI/P Datasheet HTML 3Page - Microchip Technology MCP3301-BI/P Datasheet HTML 4Page - Microchip Technology MCP3301-BI/P Datasheet HTML 5Page - Microchip Technology MCP3301-BI/P Datasheet HTML 6Page - Microchip Technology MCP3301-BI/P Datasheet HTML 7Page - Microchip Technology MCP3301-BI/P Datasheet HTML 8Page - Microchip Technology MCP3301-BI/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
© 2007 Microchip Technology Inc.
DS21700C-page 5
MCP3301
.
FIGURE 1-1:
Timing Parameters
Power Requirements
Operating Voltage
V
DD
2.7
—
5.5
V
Operating Current
I
DD
—
—
300
200
450
—
µA
V
DD
, VREF = 5V, DOUT unloaded
V
DD, VREF = 2.7V, DOUT unloaded
Standby Current
I
DDS
—0.05
1
µA
CS = V
DD = 5.0V
Temperature Ranges
Specified Temperature Range
T
A
-40
—
+85
°C
Operating Temperature Range
T
A
-40
—
+85
°C
Storage Temperature Range
T
A
-65
—
+150
°C
Thermal Package Resistance
Thermal Resistance, 8L-MSOP
θ
JA
—
206
—
°C/W
Thermal Resistance, 8L-PDIP
θ
JA
—85
—
°C/W
Thermal Resistance, 8L-SOIC
θ
JA
—
163
—
°C/W
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, all parameters apply at V
DD = 5V, VSS = 0V, and VREF = 5V. Full differential input
configuration (Figure 3-4) with fixed common mode voltage of 2.5V. All parameters apply over temperature with
T
AMB = -40°C to +85 °C (Note 7). Conversion speed (f
SAMPLE) is 100 ksps with fCLK = 17*fSAMPLE
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Note
1:
This specification is established by characterization and not 100% tested.
2: See characterization graphs that relate converter performance to V
REF level.
3: VIN = 0.1V to 4.9V @ 1 kHz.
4: VDD = 5VDC ±500 mVP-P @ 1 kHz, see test circuit Figure 3-3.
5: Maximum clock frequency specification must be met.
6: V
REF = 400 mV, VIN = 0.1V to 4.9V @ 1 kHz
7: MSOP devices are only specified at 25°C and +85°C.
8: For slow sample rates, see Section 6.2.1 for limitations on clock frequency.
CS
CLK
t
SUCS
t
CSH
t
HI
t
LO
D
OUT
t
EN
t
DO
t
R
t
F
LSB
Sign Bit
t
DIS
Null Bit
HI-Z
HI-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com