Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3301-BI/P Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP3301-BI/P
Description  13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3301-BI/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP3301-BI/P Datasheet HTML 8Page - Microchip Technology MCP3301-BI/P Datasheet HTML 9Page - Microchip Technology MCP3301-BI/P Datasheet HTML 10Page - Microchip Technology MCP3301-BI/P Datasheet HTML 11Page - Microchip Technology MCP3301-BI/P Datasheet HTML 12Page - Microchip Technology MCP3301-BI/P Datasheet HTML 13Page - Microchip Technology MCP3301-BI/P Datasheet HTML 14Page - Microchip Technology MCP3301-BI/P Datasheet HTML 15Page - Microchip Technology MCP3301-BI/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MCP3301
DS21700C-page 12
© 2007 Microchip Technology Inc.
Note:
Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V,
fSAMPLE = 100 ksps, fCLK = 17*fSAMPLE, TA = 25°C.
FIGURE 2-37:
I
DDS vs. VDD.
FIGURE 2-38:
I
DDS vs. Temperature.
FIGURE 2-39:
Negative Gain Error vs.
Reference Voltage.
FIGURE 2-40:
Negative Gain Error vs.
Temperature.
FIGURE 2-41:
Common Mode Rejection
vs. Frequency.
0
10
20
30
40
50
60
70
80
22.533.544.555.5
6
VDD (V)
0.001
0.01
0.1
1
10
100
-50
-25
0
255075
100
Temperature (°C)
-1
0
1
2
3
4
5
6
7
8
012345
6
VREF (V)
VDD=2.7V
FSAMPLE = 50 ksps
VDD=5V
FSAMPLE = 100 ksps
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
150
Temperature (°C)
VDD=VREF=2.7V
FSAMPLE = 50 ksps
VDD=VREF=5V
FSAMPLE = 100 ksps
70
71
72
73
74
75
76
77
78
79
80
1
10
100
1000
Input Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com