Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3301T-CI/P Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP3301T-CI/P
Description  13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3301T-CI/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP3301T-CI/P Datasheet HTML 10Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 11Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 12Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 13Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 14Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 15Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 16Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 17Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MCP3301
DS21700C-page 14
© 2007 Microchip Technology Inc.
4.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 4-1.
TABLE 4-1:
PIN FUNCTION TABLE.
4.1
Voltage Reference (V
REF)
This input pin provides the reference voltage for the
device, which determines the maximum range of the
analog input signal and the LSB size.
The LSB size is determined by the equation shown
below. As the reference input is reduced, the LSB size
is reduced accordingly.
EQUATION
When using an external voltage reference device, the
system designer should always refer to the manufac-
turer’s recommendations for circuit layout. Any instabil-
ity in the operation of the reference device will have a
direct effect on the accuracy of the ADC conversion
results.
4.2
IN(+)
Positive analog input. This pin has an absolute voltage
range of VSS-0.3V to VDD+0.3V. The full scale input
range is defined as the absolute value of (IN+) - (IN-).
4.3
IN(-)
Negative analog input. This pin has an absolute voltage
range of VSS-0.3V to VDD+0.3V. The full scale input
range is defined as the absolute value of (IN+) - (IN-).
4.4
V
SS
Ground connection to internal circuitry. If an analog
ground plane is available, it is recommended that this
device be tied to the analog ground plane in the circuit.
See Section 6.6, “Layout Considerations”, for more
information regarding circuit layout.
4.5
Chip Select/Shutdown (CS/SHDN)
The CS/SHDN pin is used to initiate communication
with the device when pulled low. This pin will end a con-
version and put the device in low power standby when
pulled high. The CS/SHDN pin must be pulled high
between conversions and cannot be tied low for multi-
ple conversions. See Figure 7-2 for serial communica-
tion protocol.
4.6
Serial Data Output (D
OUT)
The SPI serial data output pin is used to shift out the
results of the A/D conversion. Data will always change
on the falling edge of each clock as the conversion
takes place. See Figure 7-2 for serial communication
protocol.
4.7
Serial Clock (CLK)
The SPI clock pin is used to initiate a conversion as well
as to clock out each bit of the conversion as it takes
place. See Section 6.2 for constraints on clock speed
and Figure 7-2 for serial communication protocol.
4.8
V
DD
The voltage on this pin can range from 2.7 to 5.5V. To
ensure accuracy, a 0.1 µF ceramic bypass capacitor
should be placed as close as possible to the pin. See
Section 6.6 for more information regarding circuit
layout.
Name
Function
V
REF
Reference Voltage Input
IN(+)
Positive Analog Input
IN(-)
Negative Analog Input
V
SS
Ground
CS/SHDN
Chip Select / Shutdown Input
D
OUT
Serial Data Out
CLK
Serial Clock
V
DD
+2.7V to 5.5V Power Supply
LSB Size =
2 x VREF
8192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com