Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3301T-CI/P Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP3301T-CI/P
Description  13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3301T-CI/P Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP3301T-CI/P Datasheet HTML 13Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 14Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 15Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 16Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 17Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 18Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 19Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 20Page - Microchip Technology MCP3301T-CI/P Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
© 2007 Microchip Technology Inc.
DS21700C-page 17
MCP3301
FIGURE 6-3:
Analog Input Model.
6.2.1
MAINTAINING MINIMUM CLOCK
SPEED
When the MCP3301 initiates, charge is stored on the
sample capacitor. When the sample period is complete,
the device converts one bit for each clock that is
received. It is important for the user to note that a slow
clock rate will allow charge to bleed off the sample
capacitor while the conversion is taking place. For the
MCP330X devices, the recommended minimum clock
speed during the conversion cycle (tCONV) is 85 kHz.
Failure to meet this criteria may introduce linearity
errors into the conversion outside the rated specifica-
tions. It should be noted that, during the entire conver-
sion
cycle,
the
A/D
converter
does
not
have
requirements for clock speed or duty cycle as long as
all timing specifications are met.
6.3
Biasing Solutions
For pseudo-differential bipolar operation, the biasing
circuit shown in Figure 6-4 shows a single-ended input
AC coupled to the converter. This configuration will give
a digital output range of -4096 to +4095. With the 2.5V
reference, the LSB size is equal to 610 µV.
Although the ADC is not production tested with a 2.5V
reference as shown, linearity will not change more than
0.1 LSB. See Figure 2-2 and 2-9 for DNL and INL
errors versus V
REF
at V
DD = 5V. A trade-off exists
between the high pass corner and the acquisition time.
The value of C will need to be quite large in order to
bring down the high pass corner. The value of R needs
to be 1 k
Ω or less, since higher input impedances
require additional acquisition time. Using the values in
Figure 6-4, we have a 100 Hz corner frequency. See
Figure 2-12 for the relationship between input imped-
ance and acquisition time.
FIGURE 6-4:
Pseudo-differential biasing
circuit for bipolar operation.
Using an external operational amplifier on the input
allows for gain and buffers the input signal from the
input to the ADC, allowing for a higher source
impedance. This circuit is shown in Figure 6-5.
C
PIN
VA
R
SS
CHx
7pF
V
T = 0.6V
V
T = 0.6V
I
LEAKAGE
Sampling
Switch
SS
R
S = 1 kΩ
C
SAMPLE
= DAC capacitance
V
SS
V
DD
= 25 pF
±1 nA
Legend
VA
=
signal source
Rss
=
source impedance
CHx
=
input channel pad
Cpin = input pin capacitance
Vt
=
threshold voltage
Ileakage
=
leakage current at the pin
due to various junctions
SS
=
sampling switch
Rs
=
sampling switch resistor
Csample
=
sample/hold capacitance
VDD = 5V
0.1 µF
IN+
IN-
VREF
MCP3301
1µF
MCP1525
VIN
VOUT
0.1 µF
1k
Ω
10 µF C
VIN
Ρ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com