Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1301A-ADAVUATR Datasheet(PDF) 22 Page - Microchip Technology

Part # TC1301A-ADAVUATR
Description  Dual LDO with Microcontroller RESET Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A-ADAVUATR Datasheet(HTML) 22 Page - Microchip Technology

Back Button TC1301A-ADAVUATR Datasheet HTML 18Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 19Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 20Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 21Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 22Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 23Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 24Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 25Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
TC1301A/B
DS21798B-page 22
© 2005 Microchip Technology Inc.
8-Lead Plastic Dual Flat No Lead Package (MF) 3x3x0.9 mm Body (DFN)
Exposed Pad Length
Exposed Pad Width
Contact Length
Contact Width
Overall Width
D2
E2
L
b
D
.019
.012
.008
.063
.053
.010
.118 BSC
Number of Pins
Standoff
Contact Thickness
Overall Length
Overall Height
Pitch
p
n
Units
A
A1
E
A3
8
.000
.001
.008 REF.
.118 BSC
.031
.026 BSC
MIN
INCHES
NOM
0.48
0.26
0.30
.022
.073
.015
.063
0.20
1.60
1.34
0.55
0.37
1.85
1.59
0.02
0.80
3.00 BSC
3.00 BSC
0.20 REF.
0.65 BSC
MILLIMETERS*
.002
.039
0.00
MIN
MAX
NOM
8
0.05
1.00
MAX
n
0.90
.035
(Note 3)
(Note 3)
.059
.069
1.75
1.49
D2
E
*Controlling Parameter
Drawing No. C04-062
Notes:
Exposed pad dimensions vary with paddle size.
A1
A
A3
Dimension Limits
TOP VIEW
EXPOSED
METAL
PAD
BOTTOM VIEW
2
1
ID INDEX
PIN 1
D
L
E2
p
b
n
3.
Package may have one or more exposed tie bars at ends.
1.
AREA
Pin 1 visual index feature may vary, but must be located within the hatched area.
2.
(NOTE 2)
TIE BAR
(NOTE 1)
EXPOSED
4. JEDEC equivalent: MO-229
Revised 05/24/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com