Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1301A-ADAVUATR Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1301A-ADAVUATR
Description  Dual LDO with Microcontroller RESET Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A-ADAVUATR Datasheet(HTML) 1 Page - Microchip Technology

  TC1301A-ADAVUATR Datasheet HTML 1Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 2Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 3Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 4Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 5Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 6Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 7Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 8Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21798B-page 1
TC1301A/B
Features
• Dual Output LDO with Microcontroller Reset
Monitor Functionality:
-VOUT1 = 1.5V to 3.3V @ 300 mA
-VOUT2 = 1.5V to 3.3V @ 150 mA
-VRESET = 2.20V to 3.20V
• Output Voltage and RESET Threshold Voltage
Options Available (See Table 8-1)
• Low Dropout Voltage:
-VOUT1 = 104 mV @ 300 mA, Typical
-VOUT2 = 150 mV @ 150 mA, Typical
• Low Supply Current: 116 µA, Typical
TC1301A/B with both output voltages available
• Reference Bypass Input for Low-Noise Operation
• Both Output Voltages Stable with a Minimum of
1 µF Ceramic Output Capacitor
• Separate Input for RESET Detect Voltage
(TC1301A)
• Separate VOUT1 and VOUT2 SHDN pins
(TC1301B)
• RESET Output Duration: 300 ms. Typical
• Power-Saving Shutdown Mode of Operation
• Wake-up from SHDN: 5.3 µs. Typical
• Small 8-pin DFN and MSOP Package Options
• Operating Junction Temperature Range:
- -40°C to +125°C
• Overtemperature and Overcurrent Protection
Applications
• Cellular/GSM/PHS Phones
• Battery-Operated Systems
• Hand-Held Medical Instruments
• Portable Computers/PDAs
• Linear Post-Regulators for SMPS
• Pagers
Related Literature
• AN765, “Using Microchip’s Micropower LDOs”,
DS00765, Microchip Technology Inc., 2002
• AN766, “Pin-Compatible CMOS Upgrades to
BiPolar LDOs”, DS00766, Microchip Technology
Inc., 2002
• AN792, “A Method to Determine How Much
Power a SOT23 Can Dissipate in an Application”,
DS00792, Microchip Technology Inc., 2001
Description
The TC1301A/B combines two Low Dropout (LDO)
regulators and a microcontroller RESET function into a
single 8-pin MSOP or DFN package. Both regulator
outputs
feature
low
dropout
voltage,
104 mV
@300 mA for VOUT1, 150mV @ 150mA for VOUT2,
low quiescent current consumption, 58 µA each and a
typical regulation accuracy of 0.5%. Several fixed-
output voltage and detector voltage combinations are
available. A reference bypass pin is available to further
reduce output noise and improve the power supply
rejection ratio of both LDOs.
The TC1301A/B is stable over all line and load
conditions with a minimum of 1 µF of ceramic output
capacitance, and utilizes a unique compensation
scheme to provide fast dynamic response to sudden
line voltage and load current changes.
For the TC1301A, the microcontroller RESET function
operates independently of both VOUT1 and VOUT2. The
input to the RESET function is connected to the VDET
pin.The SHDN2 pin is used to control the output of
VOUT2 only. VOUT1 will power-up and down with VIN.
In the case of the TC1301B, the detect voltage input of
the RESET function is connected internally to VOUT1.
Both VOUT1 and VOUT2 have independent shutdown
capability.
Additional features include an overcurrent limit and
overtemperature protection that, when combined,
provide a robust design for all load fault conditions.
Package Types
8-Pin DFN/MSOP
RESET
SHDN2
Bypass
GND
VDET
1
2
3
45
6
7
8
VOUT2
VIN
1
2
3
4
5
6
7
8
VOUT1
TC1301A
RESET
SHDN2
Bypass
GND
VDET
VOUT2
VIN
VOUT1
DFN8
MSOP8
RESET
SHDN2
Bypass
GND
SHDN1
1
2
3
45
6
7
8
VOUT2
VIN
1
2
3
4
5
6
7
8
VOUT1
TC1301B
RESET
SHDN2
Bypass
GND
SHDN1
VOUT2
VIN
VOUT1
DFN8
MSOP8
Dual LDO with Microcontroller RESET Function


Similar Part No. - TC1301A-ADAVUATR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1301A-ADAVUATR MICROCHIP-TC1301A-ADAVUATR Datasheet
778Kb / 28P
Dual LDO with Microcontroller RESET Function
2008
More results

Similar Description - TC1301A-ADAVUATR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
logo
Richtek Technology Corp...
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
Dual LDO Regulator with Reset Function
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
300mA CMOS LDO with RESET Function
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A_08 Datasheet
778Kb / 28P
Dual LDO with Microcontroller RESET Function
2008
logo
Unisonic Technologies
LR6401 UTC-LR6401_12 Datasheet
421Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
Microchip Technology
TC1301B-DAAVUATR MICROCHIP-TC1301B-DAAVUATR Datasheet
665Kb / 28P
Dual LDO with Microcontroller RESET Function
01/02/08
logo
Advanced Power Electron...
APE8839A A-POWER-APE8839A_14 Datasheet
771Kb / 9P
DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
logo
New Japan Radio
NJW4116T1 NJRC-NJW4116T1 Datasheet
1Mb / 13P
Io=500mA LDO with Reset function
Ver.2016-04-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com