| Electronic Components Datasheet Search |
|
MCP6541RT-E/SL Datasheet(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6541RT-E/SL Datasheet(HTML) 22 Page - Microchip Technology |
|
22 / 34 page ![]() MCP6541/1R/1U/2/3/4 DS21696E-page 22 © 2006 Microchip Technology Inc. 5-Lead Plastic Small Outline Transistor (OT) (SOT23) Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging 1 p D B n E E1 L c β φ α A2 A A1 p1 10 5 0 10 5 0 b Mold Draft Angle Bottom 10 5 0 10 5 0 a Mold Draft Angle Top 0.50 0.43 0.35 .020 .017 .014 B Lead Width 0.20 0.15 0.09 .008 .006 .004 c Lead Thickness 10 5 0 10 5 0 f Foot Angle 0.55 0.45 0.35 .022 .018 .014 L Foot Length 3.10 2.95 2.80 .122 .116 .110 D Overall Length 1.75 1.63 1.50 .069 .064 .059 E1 Molded Package Width 3.00 2.80 2.60 .118 .110 .102 E Overall Width 0.15 0.08 0.00 .006 .003 .000 A1 Standoff 1.30 1.10 0.90 .051 .043 .035 A2 Molded Package Thickness 1.45 1.18 0.90 .057 .046 .035 A Overall Height 1.90 .075 p1 Outside lead pitch (basic) 0.95 .038 p Pitch 5 5 n Number of Pins MAX NOM MIN MAX NOM MIN Dimension Limits MILLIMETERS INCHES* Units Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side. Notes: EIAJ Equivalent: SC-74A Drawing No. C04-091 * Controlling Parameter Revised 09-12-05 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |