Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6541RT-E/SL Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP6541RT-E/SL
Description  Push-Pull Output Sub-Microamp Comparators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6541RT-E/SL Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP6541RT-E/SL Datasheet HTML 26Page - Microchip Technology MCP6541RT-E/SL Datasheet HTML 27Page - Microchip Technology MCP6541RT-E/SL Datasheet HTML 28Page - Microchip Technology MCP6541RT-E/SL Datasheet HTML 29Page - Microchip Technology MCP6541RT-E/SL Datasheet HTML 30Page - Microchip Technology MCP6541RT-E/SL Datasheet HTML 31Page - Microchip Technology MCP6541RT-E/SL Datasheet HTML 32Page - Microchip Technology MCP6541RT-E/SL Datasheet HTML 33Page - Microchip Technology MCP6541RT-E/SL Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21696E-page 31
MCP6541/1R/1U/2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6541:
Single Comparator
MCP6541T:
Single Comparator (Tape and Reel)
(SC-70, SOT-23, SOIC, MSOP)
MCP6541RT:
Single Comparator (Rotated - Tape and
Reel) (SOT-23 only)
MCP6541UT:
Single Comparator (Tape and Reel)
(SOT-23-5 is E-Temp only)
MCP6542:
Dual Comparator
MCP6542T:
Dual Comparator
(Tape and Reel for SOIC and MSOP)
MCP6543:
Single Comparator with CS
MCP6543T:
Single Comparator with CS
(Tape and Reel for SOIC and MSOP)
MCP6544:
Quad Comparator
MCP6544T:
Quad Comparator
(Tape and Reel for SOIC and TSSOP)
Temperature Range:
I
= -40°C to +85°C
E * = -40°C to +125°C
* SC-70-5 E-Temp parts not available at this release of the
data sheet.
Package:
LT
= Plastic Package (SC-70), 5-lead
OT = Plastic Small Outline Transistor (SOT-23), 5-lead
MS = Plastic MSOP, 8-lead
P
= Plastic DIP (300 mil Body), 8-lead, 14-lead
SN = Plastic SOIC (150 mil Body), 8-lead
SL = Plastic SOIC (150 mil Body), 14-lead (MCP6544)
ST = Plastic TSSOP (4.4mm Body), 14-lead (MCP6544)
PART NO.
-X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6541T-I/LT:
Tape and Reel,
Industrial Temperature,
5LD SC-70.
b)
MCP6541T-I/OT: Tape and Reel,
Industrial Temperature,
5LD SOT-23.
c)
MCP6541-E/P:
Extended Temperature,
8LD PDIP.
d)
MCP6541RT-I/OT: Tape and Reel,
Industrial Temperature,
5LD SOT23.
e)
MCP6541-E/SN: Extended Temperature,
8LD SOIC.
f)
MCP6541UT-E/OT:Tape and Reel,
Extended Temperature,
5LD SOT23.
a)
MCP6542-I/MS:
Industrial Temperature,
8LD MSOP.
b)
MCP6542T-I/MS: Tape and Reel,
Industrial Temperature,
8LD MSOP.
c)
MCP6542-I/P:
Industrial Temperature,
8LD PDIP.
d)
MCP6542-E/SN: Extended Temperature,
8LD SOIC.
a)
MCP6543-I/SN:
Industrial Temperature,
8LD SOIC.
b)
MCP6543T-I/SN: Tape and Reel,
Industrial Temperature,
8LD SOIC.
c)
MCP6543-I/P:
Industrial Temperature,
8LD PDIP.
d)
MCP6543-E/SN: Extended Temperature,
8LD SOIC.
a)
MCP6544T-I/SL: Tape and Reel,
Industrial Temperature,
14LD SOIC.
b)
MCP6544T-E/SL: Tape and Reel,
Extended Temperature,
14LD SOIC.
c)
MCP6544-I/P:
Industrial Temperature,
14LD PDIP.
d)
MCP6544T-E/ST: Tape and Reel,
Extended Temperature,
14LD TSSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com