Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3906 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3906
Description  Energy-Metering ICs with Active (Real) Power Pulse Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3906 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3906 Datasheet HTML 9Page - Microchip Technology MCP3906 Datasheet HTML 10Page - Microchip Technology MCP3906 Datasheet HTML 11Page - Microchip Technology MCP3906 Datasheet HTML 12Page - Microchip Technology MCP3906 Datasheet HTML 13Page - Microchip Technology MCP3906 Datasheet HTML 14Page - Microchip Technology MCP3906 Datasheet HTML 15Page - Microchip Technology MCP3906 Datasheet HTML 16Page - Microchip Technology MCP3906 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
© 2007 Microchip Technology Inc.
DS21948D-page 13
MCP3905/06
If an external voltage reference source is connected to
the REFIN/OUT pin, the external voltage will be used
as the reference for both current and voltage channel
ADCs. The voltage across the source resistor will then
be the difference between the internal and external
voltage. The allowed input range for the external volt-
age source goes from 2.2V to 2.6V for accurate mea-
surement error. A VREF value outside of this range will
cause additional heating and power consumption due
to the source resistor, which might affect measurement
error.
4.4
Power-On Reset (POR)
The MCP3905/06 contains an internal POR circuit that
monitors analog supply voltage AVDD during operation.
This circuit ensures correct device startup at system
power-up/power-down events. The POR circuit has
built-in hysteresis and a timer to give a high degree of
immunity to potential ripple and noise on the power
supplies, allowing proper settling of the power supply
during power-up. A 0.1 µF decoupling capacitor should
be mounted as close as possible to the AVDD pin,
providing
additional
transient
immunity
(see
Section 5.0 “Applications Information”).
The threshold voltage is typically set at 4V, with a
tolerance of about ±5%. If the supply voltage falls below
this threshold, the MCP3905/06 will be held in a Reset
condition (equivalent to applying logic ‘0’ on the MCLR
pin). The typical hysteresis value is approximately
200 mV in order to prevent glitches on the power
supply.
Once a power-up event has occurred, an internal timer
prevents the part from outputting any pulse for approx-
imately 1s (with MCLK = 3.58 MHz), thereby prevent-
ing potential metastability due to intermittent resets
caused by an unsettled regulated power supply.
Figure 4-3 illustrates the different conditions for a
power-up and a power-down event in the typical
conditions.
FIGURE 4-3:
Power-on Reset Operation.
4.5
High-Pass Filters and Multiplier
The active (real) power value is extracted from the DC
instantaneous
power.
Therefore,
any
DC
offset
component present on Channel 0 and Channel 1
affects the DC component of the instantaneous power
and will cause the real-power calculation to be
erroneous. In order to remove DC offset components
from the instantaneous power signal, a high-pass filter
has been introduced on each channel. Since the high-
pass filtering introduces phase delay, identical high-
pass filters are implemented on both channels. The
filters are clocked by the same digital signal, ensuring
a phase difference between the two channels of less
than one MCLK period. Under typical conditions
(MCLK = 3.58 MHz), this phase difference is less than
0.005°, with a line frequency of 50 Hz. The cut-off
frequency of the filter (4.45 Hz) has been chosen to
induce minimal gain error at typical line frequencies,
allowing sufficient settling time for the desired applica-
tions. The two high-pass filters can be disabled by
applying a logic ‘0’ to the HPF pin.
FIGURE 4-4:
HPF Magnitude Response
(MCLK = 3.58 MHz).
The multiplier output gives the product of the two high-
pass-filtered channels, corresponding to instantaneous
active (real) power. Multiplying two sine wave signals
by the same
ω frequency gives a DC component and a
2
ω component. The instantaneous power signal con-
tains the active (real) power of its DC component, while
also containing 2
ω components coming from the line
frequency multiplication. These 2
ω components come
for the line frequency (and its harmonics) and must be
removed in order to extract the real-power information.
This is accomplished using the low-pass filter and DTF
converter.
AVDD
5V
4.2V
4V
0V
DEVICE
MODE
RESET
PROPER
OPERATION
RESET
NO
PULSE
OUT
Time
1s
-40
-35
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com