Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3906 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP3906
Description  Energy-Metering ICs with Active (Real) Power Pulse Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3906 Datasheet(HTML) 2 Page - Microchip Technology

  MCP3906 Datasheet HTML 1Page - Microchip Technology MCP3906 Datasheet HTML 2Page - Microchip Technology MCP3906 Datasheet HTML 3Page - Microchip Technology MCP3906 Datasheet HTML 4Page - Microchip Technology MCP3906 Datasheet HTML 5Page - Microchip Technology MCP3906 Datasheet HTML 6Page - Microchip Technology MCP3906 Datasheet HTML 7Page - Microchip Technology MCP3906 Datasheet HTML 8Page - Microchip Technology MCP3906 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MCP3905/06
DS21948D-page 2
© 2007 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
V
DD ...................................................................................7.0V
Digital inputs and outputs w.r.t. AGND........ -0.6V to VDD +0.6V
Analog input w.r.t. AGND ..................................... ....-6V to +6V
VREF input w.r.t. AGND ............................... -0.6V to VDD +0.6V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-65°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300°C
ESD on the analog inputs (HBM,MM) .................5.0 kV, 500V
ESD on all other pins (HBM,MM) ........................5.0 kV, 500V
† Notice: Stresses above those listed under "Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operation listings of this specification is not implied. Exposure
to maximum rating conditions for extended periods may affect
device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = DVDD = 4.5V – 5.5V,
Internal VREF, HPF turned on (AC mode), AGND, DGND = 0V, MCLK = 3.58 MHz; TA = -40°C to +85°C.
Parameter
Sym
Min
Typ.
Max
Units
Comment
Overall Measurement Accuracy
Energy Measurement Error
E
—
0.1
—
% FOUT Channel 0 swings 1:500 range,
MCP3905 only (Note 1, Note 4)
—
0.1
—
% FOUT Channel 0 swings 1:1000 range,
MCP3906 only (Note 1, Note 4)
No-Load Threshold/
Minimum Load
NLT
—
0.0015
—
% FOUT
Max
Disabled when F2, F1, F0 = 0, 1, 1
(Note 5, Note 6)
Phase Delay Between
Channels
—
—
1/MCLK
s
HPF = 0 and 1, < 1 MCLK
(Note 4, Note 6, Note 7)
AC Power Supply
Rejection Ratio
(Output Frequency Variation)
AC PSRR
—
0.01
—
% FOUT F2, F1, F0 = 0, 1, 1 (Note 3)
DC Power Supply
Rejection Ratio
(Output Frequency Variation)
DC PSRR
—
0.01
—
% FOUT HPF = 1, Gain = 1 (Note 3)
System Gain Error
—
3
10
% FOUT Note 2, Note 5
ADC/PGA Specifications
Offset Error
VOS
—
2
5
mV
Referred to Input
Gain Error Match
—
0.5
—
% FOUT Note 8
Internal Voltage Reference
Voltage
—
2.4
—
V
Tolerance
—
±2
—
%
Tempco
—
15
—
ppm/°C
Note 1:
Measurement error = (Energy Measured By Device - True Energy)/True Energy * 100%. Accuracy is
measured with signal (±660 mV) on Channel 1. FOUT0, FOUT1 pulse outputs. Valid from 45 Hz to 65 Hz.
See Section 2.0 “Typical Performance Curves” for higher frequencies and increased dynamic range.
2:
Does not include internal VREF. Gain = 1, CH0 = 470 mVDC, CH1 = 660 mVDC, difference between
measured output frequency and expected transfer function.
3:
Percent of HFOUT output frequency variation; Includes external VREF = 2.5V, CH1 = 100 mVRMS @
50 Hz, CH2 = 100 mVRMS @ 50 Hz, AVDD = 5V + 1Vpp @ 100 Hz. DC PSRR: 5V ±500 mV.
4:
Error applies down to 60° lead (PF = 0.5 capacitive) and 60° lag (PF = 0.5 inductive).
5:
Refer to Section 4.0 “Device Overview” for complete description.
6:
Specified by characterization, not production tested.
7:
1 MCLK period at 3.58 MHz is equivalent to less than <0.005 degrees at 50 or 60 Hz.
8:
Gain error match is measured from CH0 G = 1 to any other gain setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com