Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73833-AMI/UN Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP73833-AMI/UN
Description  Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73833-AMI/UN Datasheet(HTML) 3 Page - Microchip Technology

  MCP73833-AMI/UN Datasheet HTML 1Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 2Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 3Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 4Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 5Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 6Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 7Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 8Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© 2006 Microchip Technology Inc.
DS22005A-page 3
MCP73833/4
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings
VDD........................................................................7.0V
All Inputs and Outputs w.r.t. VSS .....-0.3 to (VDD+0.3)V
Maximum Junction Temperature, TJ . Internally Limited
Storage temperature .......................... -65°C to +150°C
ESD protection on all pins:
Human Body Model (HBM)
(1.5 k
Ω in Series with 100 pF)............................... ≥ 4kV
Machine Model (MM)
(200 pF, No Series Resistance) ........................... 300V
*Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all limits apply for VDD= [VREG(Typ)+0.3V] to 6V, TA=-40°C to 85°C.
Typical values are at +25°C, VDD= [VREG(Typ)+1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Input
Supply Voltage
VDD
3.75
—
6
V
Charging
VREG(Typ)
+0.3V
—
6
V
Charge Complete, Standby
Supply Current
ISS
—
2000
3000
µA
Charging
—
150
300
µA
Charge Complete
—
100
300
µA
Standby (No Battery or PROG
Floating)
—
50
100
µA
Shutdown (VDD < VBAT, or
VDD < VSTOP)
UVLO Start Threshold
VSTART
3.4
3.55
3.7
V
VDD Low to High
UVLO Stop Threshold
VSTOP
3.3
3.45
3.6
V
VDD High to Low
UVLO Hysteresis
VHYS
—
100
—
mV
Voltage Regulation (Constant Voltage Mode, System Test Mode)
Regulated Output Voltage
VREG
4.168
4.20
4.232
V
VDD=[VREG(Typ)+1V]
4.318
4.35
4.382
V
IOUT=10 mA
4.367
4.40
4.433
V
TA=-5°C to +55°C
4.467
4.50
4.533
V
Line Regulation
|(ΔVBAT/VBAT)
/
ΔVDD|
—
0.10
0.30
%/V
VDD=[VREG(Typ)+1V] to 6V
IOUT=10 mA
Load Regulation
|ΔVBAT/ VBAT|
—
0.10
0.30
%
IOUT=10 mA to 100 mA
VDD=[VREG(Typ)+1V]
Supply Ripple Attenuation
PSRR
—
58
—
dB
IOUT=10 mA, 10Hz to 1 kHz
—47
—
dB
IOUT=10 mA, 10Hz to 10 kHz
—25
—
dB
IOUT=10 mA, 10Hz to 1 MHz
Current Regulation (Fast Charge Constant Current Mode)
Fast Charge Current Regulation
IREG
90
100
110
mA
PROG = 10 k
Ω
900
1000
1100
mA
PROG = 1.0 k
Ω
TA=-5°C to +55°C
Maximum Output Current Limit
IMAX
—
1200
—
mA
PROG < 833
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com