Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73833-AMI/UN Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP73833-AMI/UN
Description  Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73833-AMI/UN Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP73833-AMI/UN Datasheet HTML 15Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 16Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 17Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 18Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 19Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 20Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 21Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 22Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
© 2006 Microchip Technology Inc.
DS22005A-page 19
MCP73833/4
10-Lead Plastic Dual-Flat No-Lead Package (MF) 3x3x0.9 mm Body (DFN) – Saw Singulated
E2
D
A1
A
A3
TOP VIEW
EXPOSED
METAL
PAD
BOTTOM VIEW
21
ID INDEX
PIN 1
E
L
D2
p
b
n
AREA
(NOTE 1)
TIE BAR
(NOTE 3)
EXPOSED
(NOTE 2)
K
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
INCHES
NOM
.020 BSC
.008 REF.
3. Package may have one or more exposed tie bars at ends.
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
JEDEC equivalent: Not Registered
See ASME Y14.5M
See ASME Y14.5M
* Controlling Parameter
Revised 09-12-05
Standoff
Number of Pins
Overall Height
Contact Length §
Lead Width
Exposed Pad Width
Exposed Pad Length
Overall Width
Lead Thickness
Overall Length
Notes:
Pitch
Dimension Limits
(Note 3)
(Note 3)
L
D2
b
E
E2
D
A1
A3
.051
.012
.008
.000
.112
.082
.112
MIN
Units
e
A
n
.031
.065
.016
.010
.001
.118
.094
.118
.067
.020
.015
.002
.124
.096
.124
MAX
.035
10
.039
0.20 REF.
0.30
0.18
1.30
0.00
2.08
2.85
2.85
0.40
0.25
1.65
0.02
3.00
3.00
2.39
0.50 BSC
MILLIMETERS*
0.80
MIN
10
0.90
NOM
0.50
0.30
1.70
0.05
2.45
3.15
3.15
1.00
MAX
2. Exposed pad varies according to die attach paddle size.
Contact-to-Exposed Pad §
K
.008
—
—
0.20
—
—
§ Significant Characteristic
Drawing No. C04-063
Note:
For the most current package drawings, please
see the Microchip Packaging Specification located
at http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com