Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2140AT-I/P Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP2140AT-I/P
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140AT-I/P Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP2140AT-I/P Datasheet HTML 33Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 34Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 35Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 36Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 37Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 38Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 39Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 40Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
© 2007 Microchip Technology Inc.
DS22050A-page 37
MCP2140A
FIGURE 4-6:
UART ASYNCHRONOUS RECEIVE TIMING
TABLE 4-6:
UART ASYNCHRONOUS RECEIVE REQUIREMENTS
AC Specifications
Electrical Characteristics:
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
≤ TA ≤ +85×C (industrial)
Operating Voltage VDD range is described in Section 4.1 “DC
Characteristics”
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
IR110
TRXBIT
Receive Baud Rate
384
—
384
TOSC
IR111
ERXBIT Receive (RXPD and RXPDREF pin
detection) Baud rate Error (into
MCP2140A)
——
±1
%
IR112
ERXBIT Receive (RX pin) Baud rate Error (out of
MCP2140A) (1)
——
±1
%
Note 1:
This error is not additive to the IR111 parameter.
Note:
Refer to Figure 4-2 for load conditions.
IR113
RX pin
IR113
IR110
IR110
IR110
Start Bit
Data Bit
Data Bit
Data Bit
IR110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com