Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2140AT-I/P Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP2140AT-I/P
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140AT-I/P Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP2140AT-I/P Datasheet HTML 43Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 44Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 45Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 46Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 47Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 48Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 49Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 50Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
© 2007 Microchip Technology Inc.
DS22050A-page 47
MCP2140A
APPENDIX A:
REVISION HISTORY
Revision A (June 2007)
• Original release of this document
APPENDIX B:
HOW DEVICES
CONNECT
When two devices implementing the IrDA standard
feature establish a connection using the IrCOMM
protocol, the process is analogous to connecting two
devices with serial ports using a cable. This is referred
to as a “point-to-point” connection. This connection is
limited to half-duplex operation because the IR
transceiver cannot transmit and receive at the same
time. The purpose of the IrDA protocols is to allow this
half-duplex link to emulate, as much as possible, a full-
duplex connection. In general, this is done by dividing
the data into “packets”, or groups of data. These
packets can then be sent back and forth, when needed,
without risk of collision. The rules of how and when
these packets are sent constitute the IrDA protocol.
The MCP2140A supports elements of this IrDA
standard protocol to communicate with other IrDA
standard compatible devices.
When a wired connection is used, the assumption is
made that both sides have the same communications
parameters and features. A wired connection has no
need to identify the other connector because it is
assumed that the connectors are properly connected.
In the IrDA standard, a connection process has been
defined to identify other IrDA compatible devices and
establish a communication link. There are three steps
that these two devices go through to make this
connection. They are:
• Normal Disconnect Mode (NDM)
• Discovery Mode
• Normal Connect Mode (NCM)
Figure B-1 shows the connection sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com