Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603LT-ADJI/OS Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP1603LT-ADJI/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603LT-ADJI/OS Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP1603LT-ADJI/OS Datasheet HTML 16Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 17Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 18Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 19Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 20Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 21Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 22Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 23Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MCP1603
DS22042A-page 20
© 2007 Microchip Technology Inc.
5-Lead Plastic Thin Small Outline Transistor (OS) [TSOT]
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15 mm per side.
3. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Leads
N
5
Lead Pitch
e
0.95 BSC
Outside Lead Pitch
e1
1.90 BSC
Overall Height
A
–
–
1.10
Molded Package Thickness
A2
0.70
0.90
1.00
Standoff
A1
0.00
–
0.10
Overall Width
E
2.80 BSC
Molded Package Width
E1
1.60 BSC
Overall Length
D
2.90 BSC
Foot Length
L
0.30
0.45
0.60
Footprint
L1
0.60 REF
Foot Angle
φ
0°
4°
8°
Lead Thickness
c
0.08
–
0.20
Lead Width
b
0.30
–
0.50
Mold Draft Angle Top
α
4°
10°
12°
Mold Draft Angle Bottom
β
4°
10°
12°
N
b
E
E1
NOTE 1
D
e1
e
1
2
3
A
A1
A2
c
L1
L
φ
β
α
Microchip Technology Drawing C04-128B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com