Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603LT-ADJI/OS Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1603LT-ADJI/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603LT-ADJI/OS Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1603LT-ADJI/OS Datasheet HTML 10Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 11Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 12Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 13Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 14Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 15Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 16Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 17Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MCP1603
DS22042A-page 14
© 2007 Microchip Technology Inc.
5.0
APPLICATION INFORMATION
5.1
Typical Applications
The MCP1603 500 mA synchronous buck regulator
operates over a wide input voltage range (2.7V to 5.5V)
and is ideal for single-cell Li-Ion battery powered
applications, USB powered applications, three cell
NiMH or NiCd applications and 3V or 5V regulated
input applications. The 5-lead TSOT and 8-lead 2x3
DFN packages provide a small footprint with minimal
external components.
5.2
Fixed Output Voltage Applications
Typical Application Circuit shows a fixed MCP1603
in an application used to convert three NiMH batteries
into a well regulated 1.8V @ 500 mA output. A 4.7 µF
input capacitor, 4.7 µF output capacitor, and a 4.7 µH
inductor make up the entire external component solu-
tion for this application. No external voltage divider or
compensation is necessary. In addition to the fixed
1.8V option, the MCP1603 is also available in 1.2V,
1.5V, 2.5V, or 3.3V fixed voltage options.
5.3
Adjustable Output Voltage
Applications
When the desired output for a particular application is
not covered by the fixed voltage options, an adjustable
MCP1603 can be used. The circuit listed in Figure 6-2
shows an adjustable MCP1603 being used to convert a
5V rail to 1.0V @ 500 mA. The output voltage is adjust-
able by using two external resistors as a voltage
divider.
For
adjustable-output
voltages,
it
is
recommended that the top resistor divider value be
200 k
Ω. The bottom resistor value can be calculated
using the following equation:
EQUATION 5-1:
For adjustable output applications, an additional R-C
compensation network is necessary for control loop
stability. Recommended values for any output voltage
are:
Refer to Figure 6-2 for proper placement of RCOMP and
CCOMP.
5.4
Input Capacitor Selection
The input current to a buck converter, when operating
in continuous conduction mode, is a squarewave with
a duty cycle defined by the output voltage (VOUT) to
input voltage (VIN) relationship of VOUT/VIN. To prevent
undesirable input voltage transients, the input capacitor
should be a low ESR type with an RMS current rating
given by Equation 5.5. Because of their small size and
low ESR, ceramic capacitors are often used. Ceramic
material X5R or X7R are well suited since they have a
low temperature coefficient and acceptable ESR.
EQUATION 5-2:
Table 5-1 contains the recommend range for the input
capacitor value.
5.5
Output Capacitor Selection
The output capacitor helps provide a stable output
voltage during sudden load transients, smooths the
current that flows from the inductor to the load, and
reduces the output voltage ripple. Therefore, low ESR
capacitors are a desirable choice for the output capac-
itor. As with the input capacitor, X5R and X7R ceramic
capacitors are well suited for this application.
The output ripple voltage is often a design specifica-
tion. A buck converters’ output ripple voltage is a
function of the charging and discharging of the output
capacitor and the ESR of the capacitor. This ripple
voltage can be calculated by Equation 5-3.
EQUATION 5-3:
RBOT
RTOP
VFB
VOUT VFB
–
-----------------------------
⎝⎠
⎛⎞
×
=
Example:
RTOP
=200 k
Ω
VOUT
=1.0V
VFB
=0.8V
RBOT
=200 k
Ω x (0.8V/(1.0V - 0.8V))
RBOT
=800 k
Ω
(Standard Value = 787 k
Ω)
RCOMP
=4.99 k
Ω
CCOMP
=33 pF
ICIN RMS
,
IOUT MAX
,
VOUT
VIN VOUT
–
()
×
VIN
------------------------------------------------------
⎝⎠
⎜⎟
⎛⎞
×
=
ΔV
OUT
ΔI
L
ESR
×
ΔI
L
8fC
×
×
---------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com