Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603L-150I/OS Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1603L-150I/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603L-150I/OS Datasheet(HTML) 5 Page - Microchip Technology

  MCP1603L-150I/OS Datasheet HTML 1Page - Microchip Technology MCP1603L-150I/OS Datasheet HTML 2Page - Microchip Technology MCP1603L-150I/OS Datasheet HTML 3Page - Microchip Technology MCP1603L-150I/OS Datasheet HTML 4Page - Microchip Technology MCP1603L-150I/OS Datasheet HTML 5Page - Microchip Technology MCP1603L-150I/OS Datasheet HTML 6Page - Microchip Technology MCP1603L-150I/OS Datasheet HTML 7Page - Microchip Technology MCP1603L-150I/OS Datasheet HTML 8Page - Microchip Technology MCP1603L-150I/OS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© 2007 Microchip Technology Inc.
DS22042A-page 5
MCP1603
Output Characteristics
Adjustable Output Voltage Range
VOUT
0.8
—
4.5
V
Note 2
Reference Feedback Voltage
VFB
—0.8
—
V
Reference Feedback Voltage
Tolerance
-3.0
—
+3.0
%
TA = -40°C to +25°C
-2.5
—
+2.5
%
TA = +25°C to +85°C
Feedback Input Bias Current
IVFB
—0.1
—
nA
Output Voltage Tolerance Fixed
VOUT
-3.0%
VR
+3.0%
%
TA = -40°C to +25°C, Note 3
VOUT
-2.5
VR
+2.5
%
TA = +25°C to +85°C, Note 3
Line Regulation
VLINE-
REG
—0.3
—
%/V
VIN = VR + 1V to 5.5V,
IOUT =100 mA
Load Regulation
VLOAD-
REG
—0.35
—
%
VIN =VR +1.5V,
ILOAD = 100 mA to 500 mA
Internal Oscillator Frequency
FOSC
1.5
2.0
2.8
MHz
Start Up Time
TSS
—0.6
—
ms
TR = 10% to 90%
RDSon P-Channel
RDSon-P
—
500
—
m
Ω
IP =100 mA
RDSon N-Channel
RDSon-N
—
500
—
m
Ω
IN = 100 mA
LX Pin Leakage Current
ILX
-1.0
±0.1
1.0
µA
SHDN =0V, VIN =5.5V,
LX =0V, LX =5.5V
Positive Current Limit Threshold
+ILX(MAX)
—
860
—
mA
Note 6
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VIN = SHDN = 3.6V, COUT = CIN = 4.7 µF, L = 4.7 µH, VOUT(ADJ) = 1.8V,
IOUT = 100 mA, TA = +25°C. Boldface specifications apply over the TA range of -40°C to +85°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: The minimum VIN has to meet two conditions: VIN ≥ 2.7V and VIN ≥ VOUT + 0.5V.
2: Reference Feedback Voltage Tolerance applies to adjustable output voltage setting.
3: VR is the output voltage setting.
4: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
temperature and the thermal resistance from junction to air (i.e. TA, TJ, θJA). Exceeding the maximum
allowable power dissipation causes the device to initiate thermal shutdown.
5: The internal MOSFET switches have an integral diode from the LX pin to the VIN pin, and from the LX pin
to the GND pin. In cases where these diodes are forward-biased, the package power dissipation limits
must be adhered to. Thermal protection is not able to limit the junction temperature for these cases.
6: The current limit threshold is a cycle-by-cycle peak current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com