Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603L-150I/OS Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1603L-150I/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603L-150I/OS Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1603L-150I/OS Datasheet HTML 12Page - Microchip Technology MCP1603L-150I/OS Datasheet HTML 13Page - Microchip Technology MCP1603L-150I/OS Datasheet HTML 14Page - Microchip Technology MCP1603L-150I/OS Datasheet HTML 15Page - Microchip Technology MCP1603L-150I/OS Datasheet HTML 16Page - Microchip Technology MCP1603L-150I/OS Datasheet HTML 17Page - Microchip Technology MCP1603L-150I/OS Datasheet HTML 18Page - Microchip Technology MCP1603L-150I/OS Datasheet HTML 19Page - Microchip Technology MCP1603L-150I/OS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
MCP1603
DS22042A-page 16
© 2007 Microchip Technology Inc.
5.8
PCB Layout Information
Good printed circuit board layout techniques are
important to any switching circuitry and switching
power supplies are no different. When wiring the high
current paths, short and wide traces should be used.
This high current path is shown with red connections in
Figure 5-1. The current in this path is switching.
Therefore, it is important that the components along the
high current path should be placed as close as possible
to the MCP1603 to minimize the loop area.
The feedback resistors and feedback signal should be
routed away from the switching node and this switching
current loop. When possible ground planes and traces
should be used to help shield the feedback signal and
minimize noise and magnetic interference.
FIGURE 5-1:
PCB High Current Path.
VIN
SHDN
GND
VFB
LX
VIN
2.7V To 4.5V
VOUT
1.8V @ 500 mA
COUT
4.7 µF
CIN
4.7 µF
L1
4.7 µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com