Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1703-1502E/MB Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1703-1502E/MB
Description  250 mA, 16V, Low Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703-1502E/MB Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1703-1502E/MB Datasheet HTML 6Page - Microchip Technology MCP1703-1502E/MB Datasheet HTML 7Page - Microchip Technology MCP1703-1502E/MB Datasheet HTML 8Page - Microchip Technology MCP1703-1502E/MB Datasheet HTML 9Page - Microchip Technology MCP1703-1502E/MB Datasheet HTML 10Page - Microchip Technology MCP1703-1502E/MB Datasheet HTML 11Page - Microchip Technology MCP1703-1502E/MB Datasheet HTML 12Page - Microchip Technology MCP1703-1502E/MB Datasheet HTML 13Page - Microchip Technology MCP1703-1502E/MB Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MCP1703
DS22049A-page 10
© 2007 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
MCP1703 PIN FUNCTION TABLE
3.1
Ground Terminal (GND)
Regulator ground. Tie GND to the negative side of the
output and the negative side of the input capacitor.
Only the LDO bias current (2.0 µA typical) flows out of
this pin; there is no high current. The LDO output
regulation is referenced to this pin. Minimize voltage
drops between this pin and the negative side of the
load.
3.2
Regulated Output Voltage (VOUT)
Connect VOUT to the positive side of the load and the
positive terminal of the output capacitor. The positive
side of the output capacitor should be physically
located as close to the LDO VOUT pin as is practical.
The current flowing out of this pin is equal to the DC
load current.
3.3
Unregulated Input Voltage (VIN)
Connect VIN to the input unregulated source voltage.
Like all low dropout linear regulators, low source
impedance is necessary for the stable operation of the
LDO. The amount of capacitance required to ensure
low source impedance will depend on the proximity of
the input source capacitors or battery type. For most
applications, 1 µF of capacitance will ensure stable
operation of the LDO circuit. For applications that have
load currents below 100 mA, the input capacitance
requirement can be lowered. The type of capacitor
used can be ceramic, tantalum or aluminum electro-
lytic. The low ESR characteristics of the ceramic will
yield better noise and PSRR performance at high-
frequency.
Pin No.
SOT-223-3
Pin No.
SOT-23A
Pin No.
SOT-89-3
Name
Function
211
GND
Ground Terminal
323
VOUT
Regulated Voltage Output
13
2,Tab
VIN
Unregulated Supply Voltage
-
-
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com