Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1703-1502E/MB Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1703-1502E/MB
Description  250 mA, 16V, Low Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703-1502E/MB Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1703-1502E/MB Datasheet HTML 8Page - Microchip Technology MCP1703-1502E/MB Datasheet HTML 9Page - Microchip Technology MCP1703-1502E/MB Datasheet HTML 10Page - Microchip Technology MCP1703-1502E/MB Datasheet HTML 11Page - Microchip Technology MCP1703-1502E/MB Datasheet HTML 12Page - Microchip Technology MCP1703-1502E/MB Datasheet HTML 13Page - Microchip Technology MCP1703-1502E/MB Datasheet HTML 14Page - Microchip Technology MCP1703-1502E/MB Datasheet HTML 15Page - Microchip Technology MCP1703-1502E/MB Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MCP1703
DS22049A-page 12
© 2007 Microchip Technology Inc.
5.0
FUNCTIONAL DESCRIPTION
The MCP1703 CMOS low dropout linear regulator is
intended for applications that need the lowest current
consumption
while
maintaining
output
voltage
regulation. The operating continuous load range of the
MCP1703 is from 0 mA to 250 mA (VR ≥ 2.5V). The
input operating voltage range is from 2.7V to 16.0V,
making it capable of operating from two or more alka-
line cells or single and multiple Li-Ion cell batteries.
5.1
Input
The input of the MCP1703 is connected to the source
of the P-Channel PMOS pass transistor. As with all
LDO circuits, a relatively low source impedance (10
Ω)
is needed to prevent the input impedance from causing
the LDO to become unstable. The size and type of the
capacitor needed depends heavily on the input source
type (battery, power supply) and the output current
range of the application. For most applications (up to
100 mA), a 1 µF ceramic capacitor will be sufficient to
ensure circuit stability. Larger values can be used to
improve circuit AC performance.
5.2
Output
The maximum rated continuous output current for the
MCP1703 is 250 mA (VR ≥ 2.5V). For applications
where VR < 2.5V, the maximum output current is
200 mA.
A minimum output capacitance of 1.0 µF is required for
small signal stability in applications that have up to
250 mA output current capability. The capacitor type
can be ceramic, tantalum or aluminum electrolytic. The
esr range on the output capacitor can range from 0
Ω to
2.0
Ω.
5.3
Output Rise time
When powering up the internal reference output, the
typical output rise time of 1000 µs is controlled to
prevent overshoot of the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com