Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1313-CS2EMFTR Datasheet(PDF) 18 Page - Microchip Technology

Part # TC1313-CS2EMFTR
Description  500 mA Synchronous Buck Regulator, 300 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1313-CS2EMFTR Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC1313-CS2EMFTR Datasheet HTML 14Page - Microchip Technology TC1313-CS2EMFTR Datasheet HTML 15Page - Microchip Technology TC1313-CS2EMFTR Datasheet HTML 16Page - Microchip Technology TC1313-CS2EMFTR Datasheet HTML 17Page - Microchip Technology TC1313-CS2EMFTR Datasheet HTML 18Page - Microchip Technology TC1313-CS2EMFTR Datasheet HTML 19Page - Microchip Technology TC1313-CS2EMFTR Datasheet HTML 20Page - Microchip Technology TC1313-CS2EMFTR Datasheet HTML 21Page - Microchip Technology TC1313-CS2EMFTR Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
TC1313
DS21974A-page 18
© 2005 Microchip Technology Inc.
For example, for a 3.6V input, 1.8V output with a load
of 400 mA, the efficiency taken from Figure 2-7 is
approximately 84%. The internal power dissipation is
approximately 137 mW.
5.6.2
LDO OUTPUT (VOUT2)
The internal power dissipation within the TC1313 LDO
is a function of input voltage, output voltage and output
current. The following equation can be used to
calculate the internal power dissipation for the LDO.
EQUATION 5-7:
The maximum power dissipation capability for a
package can be calculated given the junction-to-
ambient thermal resistance and the maximum ambient
temperature for the application. The following equation
can be used to determine the package’s maximum
internal power dissipation.
5.6.3
LDO POWER DISSIPATION
EXAMPLE
5.7
PCB Layout Information
Some basic design guidelines should be used when
physically placing the TC1313 on a Printed Circuit
Board (PCB). The TC1313 has two ground pins, iden-
tified as AGND (analog ground) and PGND (power
ground). By separating grounds, it is possible to
minimize the switching frequency noise on the LDO
output. The first priority, while placing external compo-
nents on the board, is the input capacitor (CIN1). Wiring
should be short and wide; the input current for the
TC1313 can be as high as 800 mA. The next priority
would be the buck regulator output capacitor (COUT1)
and inductor (L1). All three of these components are
placed near their respective pins to minimize trace
length. The CIN1 and COUT1 capacitor returns are con-
nected closely together at the PGND plane. The LDO
optional input capacitor (CIN2) and LDO output capaci-
tor COUT2 are returned to the AGND plane. The analog
ground plane and power ground plane are connected
at one point (shown near L1). All other signals (SHDN1,
SHDN2, feedback in the adjustable output case)
should be referenced to AGND and have the AGND
plane underneath them.
FIGURE 5-1:
Component Placement,
Fixed-Output 10-Pin MSOP.
There will be some difference in layout for the 10-pin
DFN package due to the thermal pad. A typical fixed-
output DFN layout is shown below. For the DFN layout,
the VIN1 to VIN2 connection is routed on the bottom of
the board around the TC1313 thermal pad.
FIGURE 5-2:
Component Placement,
Fixed-Output 10-Pin DFN.
Input Voltage
VIN = 5V ±10%
LDO Output Voltage and Current
VOUT = 3.3V
IOUT =300 mA
Internal Power Dissipation
PLDO(MAX) =(VIN(MAX) – VOUT2(MIN)) x IOUT2(MAX)
PLDO = (5.5V) – (0.975 x 3.3V))
x 300 mA
PLDO = 684.8 mW
P
LDO
V
IN MAX
() VOUT2 MIN
()
–
() I
OUT2 MAX
()
×
=
Where:
PLDO
= LDO Pass device internal
power dissipation
VIN(MAX)
= Maximum input voltage
VOUT(MIN) = LDO minimum output
voltage
TC1313
1
2
6
8
7
9
10
5
4
3
+VOUT1
PGND
+VIN1
AGND
AGND
+VOUT2
COUT1
CIN2
COUT2
CIN1
PGND Plane
AGND Plane
L1
AGND to PGND
+VIN2
* CIN2 Optional
- Via
1
2
6
8
7
9
10
5
4
3
+VOUT1
PGND
+VIN1
AGND
AGND
+VOUT2
COUT1
CIN2
COUT2
CIN1
PGND Plane
AGND Plane
L1
AGND to PGND
PGND
* CIN2 Optional
+VIN2
TC1313
- Via



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com