Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1313-CS2EMFTR Datasheet(PDF) 19 Page - Microchip Technology

Part # TC1313-CS2EMFTR
Description  500 mA Synchronous Buck Regulator, 300 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1313-CS2EMFTR Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC1313-CS2EMFTR Datasheet HTML 15Page - Microchip Technology TC1313-CS2EMFTR Datasheet HTML 16Page - Microchip Technology TC1313-CS2EMFTR Datasheet HTML 17Page - Microchip Technology TC1313-CS2EMFTR Datasheet HTML 18Page - Microchip Technology TC1313-CS2EMFTR Datasheet HTML 19Page - Microchip Technology TC1313-CS2EMFTR Datasheet HTML 20Page - Microchip Technology TC1313-CS2EMFTR Datasheet HTML 21Page - Microchip Technology TC1313-CS2EMFTR Datasheet HTML 22Page - Microchip Technology TC1313-CS2EMFTR Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21974A-page 19
TC1313
5.8
Design Example
VOUT1 =2.0V @ 500 mA
VOUT2 =3.3V @ 300 mA
VIN =5V ±10%
L = 4.7µH
Calculate PWM mode inductor ripple current
Nominal Duty
Cycle = 2.0V/5.0V = 40%
P-channel
Switch-on time = 0.40 x 1/(2 MHz) = 200 ns
VL =(VIN-VOUT1)= 3V
ΔIL =(VL/L) x TON =128 mA
Peak inductor current:
IL(PK) =IOUT1+1/2ΔIL = 564 mA
Switcher power loss:
Use efficiency estimate for 1.8V from Figure 2-7
Efficiency = 84%, PDISS1 = 190 mW
Resistor Divider:
RTOP = 200 kΩ
RBOT = 133 kΩ
LDO Output:
PDISS2 =(VIN(MAX) –
VOUT2(MIN))x IOUT2(MAX)
PDISS2 = (5.5V – (0.975) x 3.3V) x 300 mA
PDISS2 = 684.8 mW
Total
Dissipation = 190 mW + 685 mW = 875 mW
Junction Temp Rise and Maximum Ambient
Operating Temperature Calculations
10-Pin MSOP (4-Layer Board with internal Planes)
R
θJA =113° C/Watt
Junction Temp.
Rise = 875 mW x 113° C/Watt = 98.9°C
Max. Ambient
Temperature = 125°C - 98.9°C
Max. Ambient
Temperature = 26.1°C
10-Pin DFN
R
θJA = 41° C/Watt (4-Layer Board with
internal planes and 2 vias)
Junction Temp.
Rise = 875 mW x 41° C/Watt = 35.9°C
Max. Ambient
Temperature = 125°C - 35.9°C
Max. Ambient
Temperature = 89.1°C
This is above the +85°C max. ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com