Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS32KHZ/DIP Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS32KHZ/DIP
Description  32.768kHz Temperature-Compensated Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS32KHZ/DIP Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS32KHZ/DIP Datasheet HTML 1Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 2Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 3Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 4Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 5Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 6Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 7Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DS32kHz
6 of 8
The DS32kHz is packaged in a 36-pin ball grid array (BGA). It also is available in a 16-pin 0.300” SO and a 14-pin
encapsulated DIP (EDIP) module.
The additional PC board space required to add the DS32kHz as an option for driving a RTC is negligible in many
applications (see Figure 6) Therefore, adding the DS32kHz to new designs and future board revisions allows the
use of the DS32kHz where applications require improved timekeeping accuracy.
Figure 3. Block Diagram
OPERATION
The DS32kHz module contains a quartz tuning-fork crystal and an IC. When power is first applied, and when the
device switches between supplies, the DS32kHz measures the temperature and adjusts the crystal load to
compensate the frequency. The power supply must remain at a valid level whenever a temperature measurement
is made, including when VCC is first applied. While powered, the DS32kHz measures the temperature once every
64 seconds and adjusts the crystal load.
The DS32kHz is designed to operate in two modes. In the dual-supply mode, a comparator circuit, powered by VCC,
monitors the relationship between the VCC and VBAT input levels. When VCC drops below a certain level compared to
VBAT, the device switches over to VBAT (Figure 4A). This mode uses VCC to conserve the battery connected to VBAT
while VCC is applied.
In the single-supply mode, VCC is grounded and the unit is powered by VBAT. Current consumption is less than VCC,
because the comparator circuit is unpowered (Figure 4B).
Figure 4A shows how the DS32kHz should be connected when using two power supplies. VCC should be between
4.5V and 5.5V, and VBAT should be between 2.7V and 3.5V. Figure 4B shows how the DS32kHz can be used when
only a single-supply system is available. VCC should be grounded and VBAT should then be held between 2.7V and
5.5V. The VBAT pin should be connected directly to a battery. Figure 4C shows a single-supply mode where VCC is
held at +5V. See the frequency stability vs. operating voltage for information about frequency error vs. supply
voltage.
Temperature
Measurement
V
BAT
32.768kHz
V
CC
Power
Switching
Circuit
GND
P
N
Power Control
Dallas
Semiconductor
DS32kHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com