Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

93LC66B-E/P Datasheet(PDF) 25 Page - Microchip Technology

Part # 93LC66B-E/P
Description  4K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66B-E/P Datasheet(HTML) 25 Page - Microchip Technology

Back Button 93LC66B-E/P Datasheet HTML 20Page - Microchip Technology 93LC66B-E/P Datasheet HTML 21Page - Microchip Technology 93LC66B-E/P Datasheet HTML 22Page - Microchip Technology 93LC66B-E/P Datasheet HTML 23Page - Microchip Technology 93LC66B-E/P Datasheet HTML 24Page - Microchip Technology 93LC66B-E/P Datasheet HTML 25Page - Microchip Technology 93LC66B-E/P Datasheet HTML 26Page - Microchip Technology 93LC66B-E/P Datasheet HTML 27Page - Microchip Technology 93LC66B-E/P Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
© 2003 Microchip Technology Inc.
DS21795C-page 25
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Note 1:
Most products manufactured after January 2005 will have a Matte Tin (Pb-free) finish. Most products manufactured
before January 2005 will have a finish of approximately 63% Sn and 37% Pb (Sn/Pb).
Please visit www.microchip.com for the latest information on Pb-free conversion, including conversion date codes.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences
and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of
the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
Device:
93AA66A: 4K 1.8V Microwire Serial EEPROM
93AA66B: 4K 1.8V Microwire Serial EEPROM
93AA66C: 4K 1.8V Microwire Serial EEPROM w/ORG
93LC66A: 4K 2.5V Microwire Serial EEPROM
93LC66B: 4K 2.5V Microwire Serial EEPROM
93LC66C: 4K 2.5V Microwire Serial EEPROM w/ORG
93C66A:
4K 5.0V Microwire Serial EEPROM
93C66B:
4K 5.0V Microwire Serial EEPROM
93C66C:
4K 5.0V Microwire Serial EEPROM w/ORG
Pinout:
Blank =
Standard pinout
X
=
Rotated pinout
Tape & Reel:
Blank =
Standard packaging
T=
Tape & Reel
Temperature Range:
I
=
-40°C to +85°C
E
=
-40°C to +125°C
Package:
MS
=
Plastic MSOP (Micro Small outline, 8-lead)
OT
=
SOT-23, 6-lead (Tape & Reel only)
P
=
Plastic DIP (300 mil body), 8-lead
SN
=
Plastic SOIC (150 mil body), 8-lead
ST
=
TSSOP, 8-lead
MC
=
2x3 DFN, 8-lead
Lead Finish:
Blank =
Pb-free – Matte Tin (see Note 1)
G
=
Pb-free – Matte Tin only
Examples:
a)
93AA66C-I/MS: 4K, 512x8 or 256x16 Serial
EEPROM, MSOP package, 1.8V
b)
93AA66B-I/MS: 4K, 256x16 Serial EEPROM,
MSOP package, 1.8V
c)
93AA66AT-I/OT: 4K, 512x8 Serial EEPROM,
SOT-23 package, tape and reel, 1.8V
d)
93AA66CT-I/MS: 4K, 512x8 or 256x16 Serial
EEPROM, MSOP package, tape and reel, 1.8V
a)
93LC66A-I/MS: 4K, 512x8 Serial EEPROM,
MSOP package, 2.5V
b)
93LC66BT-I/OT: 4K, 256x16 Serial EEPROM,
SOT-23 package, tape and reel, 2.5V
c)
93LC66B-I/MS: 4K, 256x16 Serial EEPROM,
MSOP package, 2.5V
a)
93C66B-I/MS: 4K, 256x16 Serial EEPROM,
MSOP package, 5.0V
b)
93C66C-I/MS: 4K, 512x8 or 256x16 Serial
EEPROM, MSOP package, 5.0V
c)
93C66AT-I/OT: 4K, 512x8 Serial EEPROM,
SOT-23 package, tape and reel, 5.0V
PART NO.
X
/XX
Package
Temperature
Range
Device
X
Lead Finish
X
Tape & Reel
X
Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com