Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

93LC66B-E/P Datasheet(PDF) 20 Page - Microchip Technology

Part # 93LC66B-E/P
Description  4K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66B-E/P Datasheet(HTML) 20 Page - Microchip Technology

Back Button 93LC66B-E/P Datasheet HTML 16Page - Microchip Technology 93LC66B-E/P Datasheet HTML 17Page - Microchip Technology 93LC66B-E/P Datasheet HTML 18Page - Microchip Technology 93LC66B-E/P Datasheet HTML 19Page - Microchip Technology 93LC66B-E/P Datasheet HTML 20Page - Microchip Technology 93LC66B-E/P Datasheet HTML 21Page - Microchip Technology 93LC66B-E/P Datasheet HTML 22Page - Microchip Technology 93LC66B-E/P Datasheet HTML 23Page - Microchip Technology 93LC66B-E/P Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
DS21795C-page 20
© 2005 Microchip Technology Inc.
8-Lead Plastic Dual Flat No Lead Package (MC) 2x3x0.9 mm Body (DFN) – Saw Singulated
Exposed Pad Width
Exposed Pad Length
Contact Length
*Controlling Parameter
Contact Width
Drawing No. C04-123
Notes:
Exposed pad dimensions vary with paddle size.
Overall Width
E2
D2
L
b
E
.016
.012
.008
.047
.055
.010
.118 BSC
Number of Pins
Standoff
Contact Thickness
Overall Length
Overall Height
Pitch
p
n
Units
A
A1
D
A3
Dimension Limits
8
.000
.001
.008 REF.
.079 BSC
.031
.020 BSC
MIN
INCHES
NOM
0.40
0.25
3.00 BSC
0.30
.020
.071
.012
.064
0.20
1.20
1.39
0.50
0.30
1.80
1.62
0.02
0.80
2.00 BSC
0.20 REF.
0.50 BSC
MILLIMETERS*
.002
.039
0.00
MIN
MAX
NOM
8
0.05
1.00
MAX
3.
Package may have one or more exposed tie bars at ends.
1.
Pin 1 visual index feature may vary, but must be located within the hatched area.
2.
0.90
.035
(Note 3)
(Note 3)
4. JEDEC equivalent: MO-229
L
E2
A3
A1
A
TOP VIEW
D
E
EXPOSED
PAD
METAL
D2
BOTTOM VIEW
21
b
p
n
(NOTE 1)
EXPOSED
TIE BAR
PIN 1
(NOTE 2)
ID INDEX
AREA
Revised 05/24/04
--
--
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com