Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4997IQT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS4997IQT
Description  2 x 1W differential input stereo audio amplifier with programmable 3D effects
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4997IQT Datasheet(HTML) 3 Page - STMicroelectronics

  TS4997IQT Datasheet HTML 1Page - STMicroelectronics TS4997IQT Datasheet HTML 2Page - STMicroelectronics TS4997IQT Datasheet HTML 3Page - STMicroelectronics TS4997IQT Datasheet HTML 4Page - STMicroelectronics TS4997IQT Datasheet HTML 5Page - STMicroelectronics TS4997IQT Datasheet HTML 6Page - STMicroelectronics TS4997IQT Datasheet HTML 7Page - STMicroelectronics TS4997IQT Datasheet HTML 8Page - STMicroelectronics TS4997IQT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TS4997
Typical application schematics
3/34
1
Typical application schematics
Figure 1 shows a typical application for the TS4997 with a gain of +6dB set by the input
resistors.
Figure 1.
Typical application schematics
Table 1.
External component descriptions
Components
Functional description
RIN
Input resistors that set the closed loop gain in conjunction with a fixed internal
feedback resistor (Gain = Rfeed/RIN, where Rfeed = 50kΩ).
CIN
Input coupling capacitors that block the DC voltage at the amplifier input
terminal. Thanks to common mode feedback, these input capacitors are
optional. However, if they are added, they form with RIN a 1st order high pass
filter with -3dB cut-off frequency (fcut-off = 1 / (2 x π x RIN x CIN)).
CS
Supply bypass capacitors that provides power supply filtering.
CB
Bypass pin capacitor that provides half supply filtering.
Cin1
330nF
Cb
1uF
Cs
1uF
Rin1
24k
Rin2
24k
1
2
4
3
14
12
11
9
10
BIAS
STBY
3D
EFFECT
LEFT
RIGHT
LI N-
RIN-
LI N+
RIN+
Bypass
GND
GND
LOUT-
LOUT+
ROUT-
ROUT+
-
+
+
-
Vcc
TS4997 - QFN16
Rin3
24k
Rin4
24k
Cin2
330nF
Cin3
330nF
Cin4
330nF
VCC
Left Speaker
8 Ohms
Right Speaker
8 Ohms
P1
Diff. input L-
P2
Diff. input L+
P3
Diff. input R-
P4
Diff. input R+
Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com