Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4997IQT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4997IQT
Description  2 x 1W differential input stereo audio amplifier with programmable 3D effects
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4997IQT Datasheet(HTML) 5 Page - STMicroelectronics

  TS4997IQT Datasheet HTML 1Page - STMicroelectronics TS4997IQT Datasheet HTML 2Page - STMicroelectronics TS4997IQT Datasheet HTML 3Page - STMicroelectronics TS4997IQT Datasheet HTML 4Page - STMicroelectronics TS4997IQT Datasheet HTML 5Page - STMicroelectronics TS4997IQT Datasheet HTML 6Page - STMicroelectronics TS4997IQT Datasheet HTML 7Page - STMicroelectronics TS4997IQT Datasheet HTML 8Page - STMicroelectronics TS4997IQT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TS4997
Electrical characteristics
5/34
3
Electrical characteristics
Table 4.
VCC = +5V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load, left and right channel active
7.4
9.6
mA
ISTBY
Standby current (1)
No input signal, VSTBYL = GND, VSTBYR = GND, RL = 8Ω
10
2000
nA
Voo
Output offset voltage
No input signal, RL = 8Ω
135
mV
Po
Output power
THD = 1% Max, F = 1kHz, RL = 8Ω
800
1000
mW
THD + N
Total harmonic distortion + noise
Po = 700mWrms, G = 6dB, RL = 8Ω, 20Hz ≤ F ≤ 20kHz
0.5
%
PSRR
Power supply rejection ratio(2), inputs grounded
RL = 8Ω, G = 6dB, Cb = 1µF, Vripple = 200mVpp, 3D effect off
F = 217Hz
F = 1kHz
80
75
dB
CMRR
Common mode rejection ratio(3)
RL = 8Ω, G = 6dB, Cb = 1µF, Vincm = 200mVpp, 3D effect off
F = 217Hz
F = 1kHz
57
57
dB
SNR
Signal-to-noise ratio
A-weighted, G = 6dB, Cb = 1µF, RL = 8Ω, 3D effect off
(THD + N
≤ 0.5%, 20Hz < F < 20kHz)
108
dB
Crosstalk
Channel separation, RL = 8Ω, G = 6dB, 3D effect off
F = 1kHz
F = 20Hz to 20kHz
105
80
dB
VN
Output voltage noise, F = 20Hz to 20kHz, RL = 8Ω, G=6dB
Cb = 1µF, 3D effect off
Unweighted
A-weighted
15
10
μVrms
Gain
Gain value (RIN in kΩ)
V/V
tWU
Wake-up time (Cb = 1µF)
46
ms
tSTBY
Standby time (Cb = 1µF)
10
µs
ΦM
Phase margin at unity gain
RL = 8Ω, CL = 500pF
65
Degrees
GM
Gain margin, RL = 8Ω, CL = 500pF
15
dB
GBP
Gain bandwidth product, RL = 8Ω
1.5
MHz
1.
Standby mode is active when VSTBY is tied to GND.
2.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the sinusoidal signal superimposed upon VCC.
3.
Dynamic measurements - 20*log(rms(Vout)/rms(Vincm)).
40k
Ω
R
IN
----------------
50k
Ω
R
IN
----------------
60k
Ω
R
IN
----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com