Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDS6690AS Datasheet(PDF) 5 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # FDS6690AS
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

FDS6690AS Datasheet(HTML) 5 Page - BYCHIP ELECTRONICS CO., LIMITED

  FDS6690AS Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED FDS6690AS Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED FDS6690AS Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED FDS6690AS Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED FDS6690AS Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Typical Characteristics T
J = 25º
C, unless otherwise noted
Figure 7. Drain-Source On-Resistance
T
J, Junction Temperature (º
C)
Pulse Width (s)
Figure 9. Normalized Maximum Transient
Thermal Impedance
Figure 8. Safe Operation Area
V
DS, Drain-Source Voltage(V)
V
GS=10V
I
D=8A
www.bychip.cn
FDS6690AS
v5.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com