Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8C2C Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # R8C2C
Description  MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 13Page - Renesas Technology Corp R8C2C Datasheet HTML 14Page - Renesas Technology Corp R8C2C Datasheet HTML 15Page - Renesas Technology Corp R8C2C Datasheet HTML 16Page - Renesas Technology Corp R8C2C Datasheet HTML 17Page - Renesas Technology Corp R8C2C Datasheet HTML 18Page - Renesas Technology Corp R8C2C Datasheet HTML 19Page - Renesas Technology Corp R8C2C Datasheet HTML 20Page - Renesas Technology Corp R8C2C Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
B - 3
NOTE:
1.
The blank regions are reserved. Do not access locations in these
regions.
Address
Register
Symbol
Page
0100h
Timer RA Control Register
TRACR
162
0101h
Timer RA I/O Control Register
TRAIOC
162, 164, 167,
169, 171, 174
0102h
Timer RA Mode Register
TRAMR
163
0103h
Timer RA Prescaler Register
TRAPRE
163
0104h
Timer RA Register
TRA
163
0105h
LIN Control Register 2
LINCR2
462
0106h
LIN Control Register
LINCR
462
0107h
LIN Status Register
LINST
463
0108h
Timer RB Control Register
TRBCR
178
0109h
Timer RB One-Shot Control Register
TRBOCR
178
010Ah
Timer RB I/O Control Register
TRBIOC
179, 181, 185,
187, 192
010Bh
Timer RB Mode Register
TRBMR
179
010Ch
Timer RB Prescaler Register
TRBPRE
180
010Dh
Timer RB Secondary Register
TRBSC
180
010Eh
Timer RB Primary Register
TRBPR
180
010Fh
0110h
0111h
0112h
0113h
0114h
0115h
0116h
0117h
0118h
Timer RE Second Data Register / Counter
Data Register
TRESEC
349, 357
0119h
Timer RE Minute Data Register / Compare
Data Register
TREMIN
349, 357
011Ah
Timer RE Hour Data Register
TREHR
350
011Bh
Timer RE Day of Week Data Register
TREWK
350
011Ch
Timer RE Control Register 1
TRECR1
351, 358
011Dh
Timer RE Control Register 2
TRECR2
352, 358
011Eh
Timer RE Clock Source Select Register
TRECSR
353, 359
011Fh
0120h
Timer RC Mode Register
TRCMR
201
0121h
Timer RC Control Register 1
TRCCR1
202, 225, 229,
234
0122h
Timer RC Interrupt Enable Register
TRCIER
203
0123h
Timer RC Status Register
TRCSR
204
0124h
Timer RC I/O Control Register 0
TRCIOR0
209, 218, 223
0125h
Timer RC I/O Control Register 1
TRCIOR1
209, 219, 224
0126h
Timer RC Counter
TRC
205
0127h
0128h
Timer RC General Register A
TRCGRA
205
0129h
012Ah
Timer RC General Register B
TRCGRB
205
012Bh
012Ch
Timer RC General Register C
TRCGRC
205
012Dh
012Eh
Timer RC General Register D
TRCGRD
205
012Fh
Address
Register
Symbol
Page
0130h
Timer RC Control Register 2
TRCCR2
206
0131h
Timer RC Digital Filter Function Select
Register
TRCDF
207
0132h
Timer RC Output Master Enable Register
TRCOER
208
0133h
0134h
0135h
0136h
0137h
Timer RD Start Register
TRDSTR
254, 269, 287,
301, 312, 327
0138h
Timer RD Mode Register
TRDMR
254, 269, 287,
301, 313, 328
0139h
Timer RD PWM Mode Register
TRDPMR
255, 270, 288
013Ah
Timer RD Function Control Register
TRDFCR
256, 271, 289,
302, 314, 329
013Bh
Timer RD Output Master Enable Register 1
TRDOER1
272, 290, 303,
315, 330
013Ch
Timer RD Output Master Enable Register 2
TRDOER2
272, 290, 303,
315, 330
013Dh
Timer RD Output Control Register
TRDOCR
273, 291, 331
013Eh
Timer RD Digital Filter Function Select
Register 0
TRDDF0
257
013Fh
Timer RD Digital Filter Function Select
Register 1
TRDDF1
257
0140h
Timer RD Control Register 0
TRDCR0
258, 274, 291,
304, 316, 332
0141h
Timer RD I/O Control Register A0
TRDIORA0
259, 275
0142h
Timer RD I/O Control Register C0
TRDIORC0
260, 276
0143h
Timer RD Status Register 0
TRDSR0
261, 277, 292,
305, 317, 333
0144h
Timer RD Interrupt Enable Register 0
TRDIER0
262, 278, 293,
306, 318, 334
0145h
Timer RD PWM Mode Output Level Control
Register 0
TRDPOCR0
294
0146h
Timer RD Counter 0
TRD0
262, 279, 294,
306, 319, 334
0147h
0148h
Timer RD General Register A0
TRDGRA0
263, 279, 295,
307, 319, 335
0149h
014Ah
Timer RD General Register B0
TRDGRB0
263, 279, 295,
307, 319, 335
014Bh
014Ch
Timer RD General Register C0
TRDGRC0
263, 279, 295,
307, 335
014Dh
014Eh
Timer RD General Register D0
TRDGRD0
263, 279, 295,
307, 319, 335
014Fh
0150h
Timer RD Control Register 1
TRDCR1
258, 274, 291,
316
0151h
Timer RD I/O Control Register A1
TRDIORA1
259, 275
0152h
Timer RD I/O Control Register C1
TRDIORC1
260, 276
0153h
Timer RD Status Register 1
TRDSR1
261, 277, 292,
305, 317, 333
0154h
Timer RD Interrupt Enable Register 1
TRDIER1
262, 278, 293,
306, 318, 334
0155h
Timer RD PWM Mode Output Level Control
Register 1
TRDPOCR1
294
0156h
Timer RD Counter 1
TRD1
262, 279, 294,
319
0157h
0158h
Timer RD General Register A1
TRDGRA1
263, 279, 295,
307, 319, 335
0159h
015Ah
Timer RD General Register B1
TRDGRB1
263, 279, 295,
307, 319, 335
015Bh
015Ch
Timer RD General Register C1
TRDGRC1
263, 279, 295,
307, 319, 335
015Dh
015Eh
Timer RD General Register D1
TRDGRD1
263, 279, 295,
307, 319, 335
015Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com