Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMIF02-MIC03C2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EMIF02-MIC03C2
Description  2 line EMI filter and ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC03C2 Datasheet(HTML) 6 Page - STMicroelectronics

  EMIF02-MIC03C2 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC03C2 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC03C2 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC03C2 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC03C2 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC03C2 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC03C2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
EMIF02-MIC03C2
6/7
Figure 12.
Flip-Chip tape and reel specification
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available
at: www.st.com.
4
Ordering information
5
Revision history
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 ± 0.1
4 ± 0.1
Ø 1.5 ± 0.1
0.73 ± 0.05
xxz
yww
ST
xxz
yww
ST
xxz
yww
ST
E
E
E
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
EMIF02-MIC03C2
FW
Flip-Chip
2.3 mg
5000
7” Tape and reel
Date
Revision
Changes
28-Nov-2006
1
Initial release.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com