Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F212BCSNFP Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R5F212BCSNFP
Description  MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F212BCSNFP Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R5F212BCSNFP Datasheet HTML 50Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 51Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 52Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 53Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 54Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 55Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 56Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 57Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 58Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
R8C/2A Group, R8C/2B Group
5. Resets
Rev.2.00
Nov 26, 2007
Page 35 of 580
REJ09B0324-0200
Table 5.2 shows the Pin Functions while RESET Pin Level is “L”, Figure 5.2 shows the CPU Register Status after
Reset, Figure 5.3 shows the Reset Sequence, and Figure 5.4 shows the OFS Register.
Figure 5.2
CPU Register Status after Reset
Table 5.2
Pin Functions while RESET Pin Level is “L”
Pin Name
Pin Functions
P0 to P3
Input port
P4_3 to P4_7
Input port
P5_0 to P5_4
Input port
P6
Input port
P8_0 to P8_6
Input port
b19
b0
Interrupt table register(INTB)
Program counter(PC)
User stack pointer(USP)
Interrupt stack pointer(ISP)
Static base register(SB)
Content of addresses 0FFFEh to 0FFFCh
Flag register(FLG)
C
IPL
D
Z
S
B
O
I
U
b15
b0
b15
b0
b15
b0
b8
b7
b15
b0
0000h
0000h
0000h
0000h
0000h
0000h
0000h
Data register(R0)
Data register(R1)
Data register(R2)
Data register(R3)
Address register(A0)
Address register(A1)
Frame base register(FB)
00000h
0000h
0000h
0000h
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com