Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F212BCSNFP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # R5F212BCSNFP
Description  MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F212BCSNFP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R5F212BCSNFP Datasheet HTML 21Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 22Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 23Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 24Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 25Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 26Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 27Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 28Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
R8C/2A Group, R8C/2B Group
1. Overview
Rev.2.00
Nov 26, 2007
Page 5 of 580
REJ09B0324-0200
NOTES:
1. I2C bus is a trademark of Koninklijke Philips Electronics N. V.
2. Specify the D version if D version functions are to be used.
3. Please contact Renesas Technology sales offices for the Y version.
Table 1.4
Specifications for R8C/2B Group (2)
Item
Function
Specification
Serial
Interface
UART0, UART1,
UART2
Clock synchronous serial I/O/UART × 3
Clock Synchronous Serial I/O with
Chip Select (SSU)
1 (shared with I2C-bus)
I2C bus(1)
1 (shared with SSU)
LIN Module
Hardware LIN: 1 (timer RA, UART0)
A/D Converter
10-bit resolution × 12 channels, includes sample and hold function
D/A Converter
8-bit resolution × 2 circuits
Flash Memory
• Programming and erasure voltage: VCC = 2.7 to 5.5 V
• Programming and erasure endurance: 10,000 times (data flash)
1,000 times (program ROM)
• Program security: ROM code protect, ID code check
• Debug functions: On-chip debug, on-board flash rewrite function
Operating Frequency/Supply
Voltage
f(XIN) = 20 MHz (VCC = 3.0 to 5.5 V)
f(XIN) = 10 MHz (VCC = 2.7 to 5.5 V)
f(XIN) = 5 MHz (VCC = 2.2 to 5.5 V)
Current consumption
12 mA (VCC = 5.0 V, f(XIN) = 20 MHz)
5.5 mA (VCC = 3.0 V, f(XIN) = 10 MHz)
2.1
µA (VCC = 3.0 V, wait mode (f(XCIN) = 32 kHz))
0.65
µA (VCC = 3.0 V, stop mode)
Operating Ambient Temperature
-20 to 85
°C (N version)
-40 to 85
°C (D version)(2)
-20 to 105
°C (Y version)(3)
Package
64-pin LQFP
• Package code: PLQP0064KB-A (previous code: 64P6Q-A)
• Package code: PLQP0064GA-A (previous code: 64P6U-A)
64-pin FLGA
• Package code: PTLG0064JA-A (previous code: 64F0G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com