Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4084-2ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4084-2ARMZ
Description  30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4084-2ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4084-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4084-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4084-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4084-2ARMZ Datasheet HTML 9Page - Analog Devices ADA4084-2ARMZ Datasheet HTML 10Page - Analog Devices ADA4084-2ARMZ Datasheet HTML 11Page - Analog Devices ADA4084-2ARMZ Datasheet HTML 12Page - Analog Devices ADA4084-2ARMZ Datasheet HTML 13Page - Analog Devices ADA4084-2ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADA4084-1/ADA4084-2/ADA4084-4
Data Sheet
Rev. I | Page 10 of 36
12
11
10
1
3
4
–IN D
+IN D
V–
9
+IN C
–IN A
V+
2
+IN A
+IN B
TOP
VIEW
ADA4084-4
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
2. FOR THE LFCSP PACKAGE, THE EXPOSED PAD
MUST BE CONNECTED TO V–.
Figure 9. ADA4084-4, 16-Lead LFCSP (CP)
Table 12. 16-Lead LFCSP, ADA4084-4 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN A
Negative Input Channel A
2
+IN A
Positive Input, Channel A
3
V+
Positive Supply
4
+IN B
Positive Input, Channel B
5
−IN B
Negative Input, Channel B
6
OUT B
Output, Channel B
7
OUT C
Output, Channel C
8
−IN C
Negative Input, Channel C
9
+IN C
Positive Input, Channel C
10
V−
Negative Supply
11
+IN D
Positive Input, Channel D
12
−IN D
Negative Input, Channel D
13
NIC
Not Internally Connected
14
OUT D
Output, Channel D
15
OUT A
Output, Channel A
16
NIC
Not Internally Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com