Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4084-2ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4084-2ARMZ
Description  30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4084-2ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4084-2ARMZ Datasheet HTML 11Page - Analog Devices ADA4084-2ARMZ Datasheet HTML 12Page - Analog Devices ADA4084-2ARMZ Datasheet HTML 13Page - Analog Devices ADA4084-2ARMZ Datasheet HTML 14Page - Analog Devices ADA4084-2ARMZ Datasheet HTML 15Page - Analog Devices ADA4084-2ARMZ Datasheet HTML 16Page - Analog Devices ADA4084-2ARMZ Datasheet HTML 17Page - Analog Devices ADA4084-2ARMZ Datasheet HTML 18Page - Analog Devices ADA4084-2ARMZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Data Sheet
ADA4084-1/ADA4084-2/ADA4084-4
Rev. I | Page 15 of 36
0
–160
–140
–120
–100
–80
–60
–40
–20
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±1.5V
TA = 25°C
VIN = 1V p-p
2kΩ
–
+
10V p-p
CH A
VCC
VEE
–
+
2kΩ
10kΩ
1kΩ
CH B,
CH C,
CH D
VCC
VEE
Figure 34. Channel Separation vs. Frequency
1
0.1
0.01
0.001
0.0001
0.001
0.01
AMPLITUDE (VRMS)
0.1
1
VSY = ±1.5V
TA = 25°C
RL = 10kΩ
VIN AT 1kHz
Figure 35. THD + N vs. Amplitude
0.01
0.001
0.01
0.1
FREQUENCY (kHz)
1
10
100
VSY = ±1.5V
TA = 25°C
VIN = 300mV rms
500kHz FILTER
RL = 10kΩ
RL = 2kΩ
Figure 36. THD + N vs. Frequency, 500 kHz Filter
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±1.5V
TA = 25°C
VIN = 300mV rms
80kHz FILTER
RL = 2kΩ
RL = 10kΩ
Figure 37. THD + N vs. Frequency, 80 kHz Filter
2.0
–2.0
0
1000
TIME (µs)
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
100
200
300
400
500
600
700
800
900
VSY = ±1.5V
TA = 25°C
OUTPUT
INPUT
Figure 38. No Phase Reversal
0.5
–2.0
–1.5
–1.0
–0.5
0
4
–1
0
1
2
3
–2
0
4
2
8
6
14
16
12
10
18
TIME (µs)
VSY = ±1.5V
TA = 25°C
OUTPUT
INPUT
Figure 39. Positive 50% Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com