Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTMS3P03R2G Datasheet(PDF) 3 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # NTMS3P03R2G
Description  P-channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

NTMS3P03R2G Datasheet(HTML) 3 Page - BYCHIP ELECTRONICS CO., LIMITED

  NTMS3P03R2G Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED NTMS3P03R2G Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED NTMS3P03R2G Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED NTMS3P03R2G Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED NTMS3P03R2G Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
■Typical Electrical and Thermal Characteristics Diagrams
-4.5V
-3.5V
3V
-
5V
-
6V
-
7V
-
8V
-
9V
-
10V
VGS=-
4V
-
℃
Tj= 25
-Drain to Source Voltage (V)
-VDS
5
4
3
2
1
0
60
40
20
0
5V
VDS= -
℃
25
℃
150
-Gate to Source Voltage (V)
-VGS
5
4
3
2
1
30
20
10
0
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
℃
Tj= 25
Crss
Coss
Ciss
-Drain to Source Voltage (V)
-VDS
30
20
10
0
1000
100
10
℃
Tj= 25
5A
ID= -
15V
VDS= -
otal Gate Charge (nC)
-T
Qg
10
8
6
4
2
0
10
8
6
4
2
0
Figure 3. Capacitance Characteristics
Figure 4. Gate Charge
℃
Tj= 25
5A
ID= -
-Gate to Source Voltage (V)
-VGS
10
8
6
4
2
80
70
60
50
40
30
5A
ID= -
10V
Vgs= -
)
℃
unction Temperature (
-J
Tj
125
175
25
75
-75
-25
2
1.5
1
0.5
Figure 5. On-Resistance vs Gate to Source Voltage
Figure 6. Normalized On-Resistance
www.bychip.cn
NTMS3P03R2G
v3.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com