Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBDELPS2.DI Datasheet(PDF) 10 Page - OSRAM GmbH

Part # KBDELPS2.DI
Description  The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proved package concept.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KBDELPS2.DI Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button KBDELPS2.DI Datasheet HTML 6Page - OSRAM GmbH KBDELPS2.DI Datasheet HTML 7Page - OSRAM GmbH KBDELPS2.DI Datasheet HTML 8Page - OSRAM GmbH KBDELPS2.DI Datasheet HTML 9Page - OSRAM GmbH KBDELPS2.DI Datasheet HTML 10Page - OSRAM GmbH KBDELPS2.DI Datasheet HTML 11Page - OSRAM GmbH KBDELPS2.DI Datasheet HTML 12Page - OSRAM GmbH KBDELPS2.DI Datasheet HTML 13Page - OSRAM GmbH KBDELPS2.DI Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
KB DELPS2.DI
DATASHEET
DATASHEET
10 | Version 1.6 | 2024-05-16
Relative Spectral Emission 7)
I
rel = f (λ); IF = 10 mA; TS = 25 °C
KB DELPS1.DI
350
400
450
500
550
600
650
700
750
800
λ /
0.0
0.2
0.4
0.6
0.8
1.0
I
:Vλ
:CoD Iceblue
Radiation Characteristics 7)
I
rel = f (ϕ); TS = 25 °C
KB DELPS1.DI
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ /
0.0
0.2
0.4
0.6
0.8
1.0
I
:0°
: 90°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com