Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBDELPS2.DI Datasheet(PDF) 11 Page - OSRAM GmbH

Part # KBDELPS2.DI
Description  The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proved package concept.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KBDELPS2.DI Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button KBDELPS2.DI Datasheet HTML 7Page - OSRAM GmbH KBDELPS2.DI Datasheet HTML 8Page - OSRAM GmbH KBDELPS2.DI Datasheet HTML 9Page - OSRAM GmbH KBDELPS2.DI Datasheet HTML 10Page - OSRAM GmbH KBDELPS2.DI Datasheet HTML 11Page - OSRAM GmbH KBDELPS2.DI Datasheet HTML 12Page - OSRAM GmbH KBDELPS2.DI Datasheet HTML 13Page - OSRAM GmbH KBDELPS2.DI Datasheet HTML 14Page - OSRAM GmbH KBDELPS2.DI Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
KB DELPS2.DI
DATASHEET
DATASHEET
11 | Version 1.6 | 2024-05-16
Forward current 7)
I
F = f(VF); TS = 25 °C
KB DELPS1.DI
2.52.6
2.83.0
3.2
VF /V
0.1
2
4
6
8
10
12
14
16
18
20
IF /mA
Relative Luminous Intensity 7), 8)
I
v/Iv(10 mA) = f(IF); TS = 25 °C
KB DELPS1.DI
IF /mA
0.0
0.5
1.0
1.5
2.0
IV
IV(10mA)
Chromaticity Coordinate Shift 7)
Cx, Cy = f(I
F); TS = 25 °C
KB DELPS1.DI
IF /mA
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com