Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GQM1555C2DR10WB01 Datasheet(PDF) 31 Page - Murata Manufacturing Co., Ltd

Part # GQM1555C2DR10WB01
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GQM1555C2DR10WB01 Datasheet(HTML) 31 Page - Murata Manufacturing Co., Ltd

Back Button GQM1555C2DR10WB01 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
■Others
1. Transportation
1. The performance of a capacitor may be affected by the conditions during transportation.
 1-1. The capacitors shall be protected against excessive temperature, humidity and mechanical force during transportation.
・Mechanical condition
  Transportation shall be done in such a way that the boxes are not deformed and forces are not directly passed on to the inner packaging.
 1-2. Do not apply excessive vibration, shock, or pressure to the capacitor.
(1) When excessive mechanical shock or pressure is applied to a capacitor, chipping or cracking may occur in the ceramic body of the capacitor.
(2) When the sharp edge of an air driver, a soldering iron, tweezers, a chassis, etc. impacts strongly on the surface of the capacitor, the capacitor may crack and short-circuit.
 1-3. Do not use a capacitor to which excessive shock was applied by dropping etc. A capacitor dropped accidentally during processing may be damaged.
2. Characteristics Evaluation in the Actual System
1. Evaluate the capacitor in the actual system, to confirm that there is no problem with the performance and specification values in a finished product before using.
2. Since a voltage dependency and temperature dependency exists in the capacitance of high dielectric type ceramic capacitors, the capacitance may change depending on the operating conditions in the actual system.
Therefore,be sure to evaluate the various characteristics, such as the leakage current and noise absorptivity, which will affect the capacitance value of the capacitor.
3. In addition,voltages exceeding the predetermined surge may be applied to the capacitor by the inductance in the actual system.
  Evaluate the surge resistance in the actual system as required.
GQM1555C2DR10WB01-01A
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com