Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GQM1555C2DR10WB01 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd

Part # GQM1555C2DR10WB01
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GQM1555C2DR10WB01 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd

Back Button GQM1555C2DR10WB01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
■ Package(Tape Carrier Packaging)
1. Minimum Quantity(pcs./reel)
5
2. Dimensions of Tape (in mm)
(1)GQM15(W8P2 CODE:D/J)
5
(2)GQM15(W8P1 CODE:V/W)
5
H
J
K
L
W
T
GQM15
1.0+/-0.05
0.5+/-0.05
0.5+/-0.05
0.65(Typ.)
1.15(Typ.)
8.0+/-0.3
3.5+/-0.05
1.75+/-0.1
1.0+/-0.05
1.0+/-0.05
4.0+/-0.1
φ1.5+0.1/-0
0.8 max.
Type
Dimensions(Chip)
A
B
C
D
E
F
G
G
H
J
K
M
L
W
T
GQM15
1.0+/-0.05
0.5+/-0.05
0.5+/-0.05
0.65(Typ.)
1.15(Typ.)
8.0+/-0.3
3.5+/-0.05
1.75+/-0.1
2.0+/-0.05
2.0+/-0.05
4.0+/-0.1
φ1.5+0.1/-0
0.8 max.
0.05 max.
GQM15
10000
20000
50000
100000
Type
Dimensions(Chip)
A
B
C
D
E
F
Type
φ180mm Reel(W8P2)
φ180mm Reel(W8P1)
φ330mm Reel(W8P2)
φ330mm Reel(W8P1)
PAPER Tape
PAPER Tape
PAPER Tape
PAPER Tape
CODE:D
CODE:W
CODE:J
CODE:V
GQM1555C2DR10WB01-01A
 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com