Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHV2710-QJ Datasheet(PDF) 3 Page - Mimix Broadband

Part # CHV2710-QJ
Description  2.5 GHz InGaP HBT 5W Linear Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CHV2710-QJ Datasheet(HTML) 3 Page - Mimix Broadband

  CHV2710-QJ_07 Datasheet HTML 1Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 2Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 3Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 4Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 5Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 6Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3 of 7
CHV2710-QJ
CHV2710-QJ-AG00
WiBro Application
Gain (dB) vs Pout (dBm)
8
9
10
11
12
20
21
22
23
24
25
26
27
28
29
Pout (dBm)
2.3 GHz
2.35 GHz
2.4 GHz
CHV2710-QJ-AG00
WiBro Application
ACPr (dBc) vs Pout (dBm)
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
15
17
19
21
23
25
27
29
31
Po ut (dBm)
2.3 GHz
2.35 GHz
2.4 GHz
CHV2710-QJ-AG00
WiBro Application
Current (mA) vs Pout (dBm)
600
620
640
660
680
700
720
740
760
780
800
20
21
22
23
24
25
26
27
28
29
30
Pout (dBm)
2.3 GHz
2.35 GHz
2.4 GHz
CHV2710-QJ-AG00
WiBro Application
Small Signal
-10
-5
0
5
10
15
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
5
10
15
20
S21
S12
S11
S22
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
2.5 GHz InGaP HBT
5W Linear Power Amplifier
Typical Performance: CHV2710-QJ-0GA0 (WiBRO)
(3 GPP WCDMA, PAR = 9.17 dB)
August 2007 - Rev 30-Aug-07



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com