Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHV2710-QJ Datasheet(PDF) 5 Page - Mimix Broadband

Part # CHV2710-QJ
Description  2.5 GHz InGaP HBT 5W Linear Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CHV2710-QJ Datasheet(HTML) 5 Page - Mimix Broadband

  CHV2710-QJ_07 Datasheet HTML 1Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 2Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 3Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 4Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 5Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 6Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5 of 7
CHV2710-QJ
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
2.5 GHz InGaP HBT
5W Linear Power Amplifier
Recommended Board Layout:
We recommend that all N/C pins be grounded and
sufficient number of vias to be present under the ground
plane to insure good RF and thermal grounding.
Pins 13 and 18 are connected to the RFout trace.
Physical Dimensions:
August 2007 - Rev 30-Aug-07



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com