| Electronic Components Datasheet Search |
|
AX88796ALF Datasheet(PDF) 22 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX88796ALF Datasheet(HTML) 22 Page - ASIX Electronics Corporation |
|
22 / 68 page ![]() 22 AX88796ALF 3-in-1 Local Bus Fast Ethernet Controller Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved. 4.1.2 Multicast Address Match Filter The Multicast Address Registers provide filtering of multicast addresses hashed by the CRC logic. All destination addresses are fed through the 32 bits CRC generation logic and as the last bit of the destination address enters the CRC, the 6 most significant bits of the CRC generator are latched. These 6 bits are then decoded by a 1 of 64 decode to index a unique filter bit (FB0-63) in the Multicast Address Registers. If the filter bit selected is set, the multicast packet is accepted. The system designer would use a program to determine which filter bits to set in the multicast registers. All multicast filter bits that correspond to Multicast Address Registers accepted by the node are then set to one. To accept all multicast packets all of the registers are set to all ones. D7 D6 D5 D4 D3 D2 D1 D0 MAR0 FB7 FB6 FB5 FB4 FB3 FB2 FB1 FB0 MAR1 FB15 FB14 FB13 FB12 FB11 FB10 FB9 FB8 MAR2 FB23 FB22 FB21 FB20 FB19 FB18 FB17 FB16 MAR3 FB31 FB30 FB29 FB28 FB27 FB26 FB25 FB24 MAR4 FB39 FB38 FB37 FB36 FB35 FB34 FB33 FB32 MAR5 FB47 FB46 FB45 FB44 FB43 FB42 FB41 FB40 MAR6 FB55 FB54 FB53 FB52 FB51 FB50 FB49 FB48 MAR7 FB63 FB62 FB61 FB60 FB59 FB58 FB57 FB56 If address Y is found to hash to the value 32 (20H), then FB32 in MAR2 should be initialized to ``1’’. This will cause the AX88796A to accept any multicast packet with the address Y. Although the hashing algorithm does not guarantee perfect filtering of multicast address, it will perfectly filter up to 64 logical address filters if these addresses are chosen to map into unique locations in the multicast filter. Note: The first bit of received packet sequence is 1’s stands by Multicast Address. 32-bit CRC Generator Latch 1 of 64 bit decoder Filter bit array X=31 to X=26 Clock Selected bit 0 = reject, 1= accept |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |