Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4851-1YRJZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4851-1YRJZ-R2
Description  Low Cost, High Speed, Rail-to-Rail, Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1YRJZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4851-1YRJZ-R2 Datasheet HTML 12Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 13Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 14Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 15Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 16Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 17Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 18Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 19Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. J | Page 16 of 24
FREQUENCY (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
1
10
100
DRIVE AMPS 1, 2, AND 4
LISTEN AMP 3
DRIVE AMP 1
LISTEN AMP 2
G = +2
VS = 5V
RL = 1kΩ
VIN = 1V p-p
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
1G
VS = ±5V
–120
–110
–90
–50
–30
–70
–100
–60
–40
–80
Figure 38. ADA4851-4, RTI Crosstalk vs. Frequency
Figure 36. Common-Mode Rejection Ratio (CMRR) vs. Frequency
–100
0
0.1
FREQUENCY (MHz)
1
10
100
–10
–20
–30
–40
–50
–60
–70
–80
–90
G = +2
VS = 5V
RL = 1kΩ
VIN = 1V p-p
DRIVE AMP 1
LISTEN AMP 2
DRIVE AMP 2
LISTEN AMP 1
–110
–100
–80
–40
–20
0
–60
–90
–50
–30
–10
–70
100
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VS = ±5V
+PSR
–PSR
Figure 39. ADA4851-2, RTI Crosstalk vs. Frequency
Figure 37. Power Supply Rejection (PSR) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com