Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4851-1YRJZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4851-1YRJZ-R2
Description  Low Cost, High Speed, Rail-to-Rail, Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1YRJZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4851-1YRJZ-R2 Datasheet HTML 15Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 16Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 17Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 18Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 19Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 20Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 21Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 22Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. J | Page 19 of 24
SINGLE-SUPPLY VIDEO AMPLIFIER
An example of an 8 MHz, three-pole, Sallen-Key, low-pass,
video reconstruction filter is shown in Figure 46. This circuit
features a gain of 3, has a 0.1 dB bandwidth of 8.2 MHz, and
over 17 dB attenuation at 27 MHz (see Figure 47). The filter has
three poles; two are active with a third passive pole (R6 and C4)
placed at the output. C3 improves the filter roll-off. R6, R7, and
R8 comprise the video load of 150 Ω. Components R6, C4, R7,
R8, and the input termination of the network analyzer form a
12.8 dB attenuator; therefore, the reference level is roughly
−3.3 dB, as shown in Figure 47.
The ADA4851 family of amplifiers is well suited for portable
video applications. When operating in low voltage single-supply
applications, the input signal is limited by the input stage
headroom. For additional information, see the Headroom
Considerations section. Table 6 shows the recommended values
for voltage, input signal, various gains, and output signal swing
for the typical video amplifier shown in Figure 45.
75
Ω CABLE
VOUT
75
Ω
75
Ω
VIN
V
′
RG
RF
+VS
PD
U1
C1
2.2
μF
C2
0.01
μF
+
R2
47Ω
IOUT
R3
125Ω
R6
6.8Ω
+3V
R7
68.1Ω
R1
37.4Ω
C1
51pF
C3
6.8pF
C4
1nF
R4
2kΩ
R5
1kΩ
R8
75Ω
VOUT
C2
51pF
VIDEO DAC
Figure 45. Video Amplifier
Table 6. Recommended Values
Supply
Voltage
(V)
Input
Range
(V)
RG
(kΩ)
RF
(kΩ)
Gain
(V/V)
V’
(V)
Figure 46. 8 MHz Video Reconstruction Filter Schematic
VOUT
(V)
1: –3.3931dB
8.239626MHz
5dB/REF –15dB
0.03
0.1
1
10
100
1
FREQUENCY (MHz)
3
0 to 0.8
1
1
2
1.6
0.8
3
0 to 0.8
0.499
1
3
2.4
1.2
5
0 to 2.8
1
1
2
4.9
2.45
VIDEO RECONSTRUCTION FILTER
At higher frequencies, active filters require wider bandwidths to
work properly. Excessive phase shift introduced by lower frequency
op amps can significantly affect the filter performance.
A common application for active filters is at the output of video
DACs/encoders. The filter, or more appropriately, the video
reconstruction filter, is used at the output of a video DAC/
encoder to eliminate the multiple images that are created during
the sampling process within the DAC. For portable video appli-
cations, the ADA4851 family of amplifiers is an ideal choice due
to its lower power requirements and high performance.
Figure 47. Video Reconstruction Filter Frequency Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com