Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1701AT-1802I/MB Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1701AT-1802I/MB
Description  2關A Low-Dropout Positive Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701AT-1802I/MB Datasheet(HTML) 2 Page - Microchip Technology

  MCP1701AT-1802I/MB Datasheet HTML 1Page - Microchip Technology MCP1701AT-1802I/MB Datasheet HTML 2Page - Microchip Technology MCP1701AT-1802I/MB Datasheet HTML 3Page - Microchip Technology MCP1701AT-1802I/MB Datasheet HTML 4Page - Microchip Technology MCP1701AT-1802I/MB Datasheet HTML 5Page - Microchip Technology MCP1701AT-1802I/MB Datasheet HTML 6Page - Microchip Technology MCP1701AT-1802I/MB Datasheet HTML 7Page - Microchip Technology MCP1701AT-1802I/MB Datasheet HTML 8Page - Microchip Technology MCP1701AT-1802I/MB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MCP1701A
DS21991C-page 2
© 2007 Microchip Technology Inc.
Functional Block Diagram
Typical Application Circuits
VIN
VOUT
GND
Short-Circuit
Protection
Voltage
Reference
MCP1701A
MCP1701A
GND
VOUT
VIN
CIN
1 µF Tantalum
COUT
1 µF Tantalum
VOUT
VIN
3.3V
IOUT
50 mA
9V Alkaline Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com