Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1701AT-1802I/MB Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1701AT-1802I/MB
Description  2關A Low-Dropout Positive Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701AT-1802I/MB Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1701AT-1802I/MB Datasheet HTML 2Page - Microchip Technology MCP1701AT-1802I/MB Datasheet HTML 3Page - Microchip Technology MCP1701AT-1802I/MB Datasheet HTML 4Page - Microchip Technology MCP1701AT-1802I/MB Datasheet HTML 5Page - Microchip Technology MCP1701AT-1802I/MB Datasheet HTML 6Page - Microchip Technology MCP1701AT-1802I/MB Datasheet HTML 7Page - Microchip Technology MCP1701AT-1802I/MB Datasheet HTML 8Page - Microchip Technology MCP1701AT-1802I/MB Datasheet HTML 9Page - Microchip Technology MCP1701AT-1802I/MB Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MCP1701A
DS21991C-page 6
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated, VOUT = 1.8V, 3.3V, 5.0V, TA = +25°C, CIN = 1 µF Tantalum, COUT = 1 µF Tantalum.
FIGURE 2-7:
Output Voltage vs. Input
Voltage (VR = 1.8V).
FIGURE 2-8:
Output Voltage vs. Input
Voltage (VR = 3.3V).
FIGURE 2-9:
Output Voltage vs. Input
Voltage (VR = 5.0V).
FIGURE 2-10:
Output Voltage vs. Load
Current (VR = 1.8V).
FIGURE 2-11:
Output Voltage vs. Load
Current (VR = 3.3V).
FIGURE 2-12:
Output Voltage vs. Load
Current (VR = 5.0V).
1.72
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
3
4
5
6789
10
11
12
Input Voltage (V)
+90°C
+25°C
-45°C
VR = 1.8V
IOUT = 0.1 mA
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
45678
9
10
11
12
Input Voltage (V)
+90°C
+25°C
-45°C
VR = 3.3V
IOUT = 0.1 mA
4.98
5
5.02
5.04
5.06
5.08
5.1
5.12
6
7
8
9
10
11
12
Input Voltage (V)
+90°C
+25°C
-45°C
VR = 5.0V
IOUT = 0.1 mA
1.71
1.72
1.73
1.74
1.75
1.76
1.77
1.78
1.79
1.8
1.81
1.82
0
20
406080
100
Load Current (mA)
+90°C
+25°C
-45°C
VR = 1.8V
VIN = 3.0V
3.25
3.26
3.27
3.28
3.29
3.3
3.31
3.32
3.33
0
30
60
90
120
150
Load Current (mA)
+90°C
+25°C
-45°C
VR = 3.3V
VIN = 4.3V
4.97
4.98
4.99
5
5.01
5.02
5.03
5.04
0
50
100
150
200
250
Load Current (mA)
+90°C
+25°C
-45°C
VR = 5.0V
VIN = 6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com