Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4011-202E/MS Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP4011-202E/MS
Description  Low-Cost 64-Step Volatile Digital POT
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4011-202E/MS Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP4011-202E/MS Datasheet HTML 28Page - Microchip Technology MCP4011-202E/MS Datasheet HTML 29Page - Microchip Technology MCP4011-202E/MS Datasheet HTML 30Page - Microchip Technology MCP4011-202E/MS Datasheet HTML 31Page - Microchip Technology MCP4011-202E/MS Datasheet HTML 32Page - Microchip Technology MCP4011-202E/MS Datasheet HTML 33Page - Microchip Technology MCP4011-202E/MS Datasheet HTML 34Page - Microchip Technology MCP4011-202E/MS Datasheet HTML 35Page - Microchip Technology MCP4011-202E/MS Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
MCP4011/2/3/4
DS21978C-page 32
© 2006 Microchip Technology Inc.
5.2.3
DECREMENT
This mode is achieved by initializing the U/D pin to a low
state (VIL) prior to achieving a low state (VIL) on the CS
pin. Subsequent rising edges of the U/D pin will
decrement the wiper setting toward terminal B. This is
shown in Figure 5-3.
After the wiper is decremented to the desired position,
the U/D pin should be forced low (VIL) and the CS pin
should be forced to VIH. This will ensure that
“unexpected” transitions on the U/D pin do not cause
the wiper setting to decrement. Driving the CS pin to
VIH should occur as soon as possible (within device
specifications) after the last desired increment occurs.
When the device voltage falls below the RAM retention
voltage of the device, the wiper state may be corrupted.
When the device returns to the operating range, the
wiper will be loaded with the default POR wiper setting.
After the CS pin is driven to VIH (from VIL), any other
serial command may immediately be entered.
FIGURE 5-3:
Decrement.
Note:
The wiper value will not underflow. That is,
once the wiper value equals 0x00,
subsequent decrement commands are
ignored.
U/D
CS
Wiper
1
2
3
4
X-1
XX-2
X-3
X-4
VIH
VIH
5
6
VIL
VIL
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com