Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4011-202E/MS Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP4011-202E/MS
Description  Low-Cost 64-Step Volatile Digital POT
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4011-202E/MS Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP4011-202E/MS Datasheet HTML 42Page - Microchip Technology MCP4011-202E/MS Datasheet HTML 43Page - Microchip Technology MCP4011-202E/MS Datasheet HTML 44Page - Microchip Technology MCP4011-202E/MS Datasheet HTML 45Page - Microchip Technology MCP4011-202E/MS Datasheet HTML 46Page - Microchip Technology MCP4011-202E/MS Datasheet HTML 47Page - Microchip Technology MCP4011-202E/MS Datasheet HTML 48Page - Microchip Technology MCP4011-202E/MS Datasheet HTML 49Page - Microchip Technology MCP4011-202E/MS Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
MCP4011/2/3/4
DS21978C-page 46
© 2006 Microchip Technology Inc.
8.3
Temperature Sensor Applications
Thermistors are resistors with very predictable
variation with temperature. Thermistors are a popular
sensor choice when a low-cost, temperature-sensing
solution is desired. Unfortunately, thermistors have
non-linear characteristics that are undesirable, typically
requiring trimming in an application to achieve greater
accuracy. There are several common solutions to trim
and linearize thermistors. Figure 8-6 and Figure 8-7
are simple methods for linearizing a 3-terminal NTC
thermistor. Both are simple voltage dividers using a
Positive Temperature Coefficient (PTC) resistor (R1)
with a transfer function capable of compensating for the
linearity error in the Negative Temperature Coefficient
(NTC) thermistor.
The circuit, illustrated by Figure 8-6, utilizes a digital
rheostat for trimming the offset error caused by the
thermistor’s part-to-part variation. This solution puts the
digital potentiometer’s RW into the voltage divider
calculation. The MCP4011/2/3/4’s RAB temperature
coefficient is 50 ppm (-20°C to +70°C). RW’s error is
substantially greater than RAB’s error because RW
varies with VDD, wiper setting and temperature. For the
50 k
Ω devices, the error introduced by RW is, in most
cases, insignificant as long as the wiper setting is > 6.
For the 2 k
Ω devices, the error introduced by RW is
significant because it is a higher percentage of RWB.
For these reasons, the circuit illustrated in Figure 8-6 is
not the most optimum method for “exciting” and
linearizing a thermistor.
FIGURE 8-6:
Thermistor Calibration using
a Digital Potentiometer in a Rheostat
Configuration.
The circuit illustrated by Figure 8-7 utilizes a digital
potentiometer for trimming the offset error. This
solution removes RW from the trimming equation along
with the error associated with RW. R2 is not required,
but can be utilized to reduce the trimming “window” and
reduce variation due to the digital potentiometer’s RAB
part-to-part variability.
FIGURE 8-7:
Thermistor Calibration using
a Digital Potentiometer in a Potentiometer
Configuration.
8.4
Wheatstone Bridge Trimming
Another common configuration to “excite” a sensor
(such as a strain gauge, pressure sensor or thermistor)
is the wheatstone bridge configuration. The wheat-
stone bridge provides a differential output instead of a
single-ended
output.
Figure 8-8
illustrates
a
wheatstone bridge utilizing one to three digital
potentiometers. The digital potentiometers in this
example are used to trim the offset and gain of the
wheatstone bridge.
FIGURE 8-8:
Wheatstone Bridge
Trimming.
NTC
VDD
MCP4012
VOUT
Thermistor
R1
R2
W
A
NTC
VDD
MCP4011
VOUT
Thermistor
R1
R2
VDD
MCP4012
VOUT
2.1 k
Ω
MCP4012
50 k
Ω
MCP4012
50 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com