Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4011-103E/MS Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP4011-103E/MS
Description  Low-Cost 64-Step Volatile Digital POT
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4011-103E/MS Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP4011-103E/MS Datasheet HTML 34Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 35Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 36Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 37Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 38Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 39Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 40Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 41Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
MCP4011/2/3/4
DS21978C-page 38
© 2006 Microchip Technology Inc.
5.3
CS High Voltage
The CS pin is High-Voltage (VIHH) tolerant, like the
MCP402X. This allows the MCP401X to be used in
MCP402X applications without needing to change
other portions of the application circuit.
6.0
RESISTOR
Digital potentiometer applications can be divided into
two categories:
• Rheostat configuration
• Potentiometer (or voltage divider) configuration
Figure 6-1 shows a block diagram for the MCP401X
resistors.
FIGURE 6-1:
Resistor Block Diagram.
Step resistance (RS) is the resistance from one tap
setting to the next. This value will be dependent on the
RAB value that has been selected. Table 6-1 shows the
typical step resistances for each device.
The total resistance of the device has minimal variation
due to operating voltage (see Figure 2-11, Figure 2-24,
Figure 2-36 or Figure 2-48).
TABLE 6-1: TYPICAL STEP RESISTANCES
Terminal A and B, as well as the wiper W, do not have
a polarity. These terminals can support both positive
and negative current.
RS
A
RS
RS
RS
B
N = 63
N = 62
N = 61
N = 1
N = 0
RW (1)
W
01h
Analog
Mux
RW (1)
00h
RW (1)
3Dh
RW (1)
3Eh
RW (1)
3Fh
Note 1: The wiper resistance is tap dependent.
That is, each tap selection resistance
has a small variation. This variation
effects the smaller resistance devices
(2.1 k
Ω) more.
Part Number
Typical Resistance (
Ω)
Total (RAB)
Step (RS)
MCP401X-203E
2100
33.33
MCP401X-503E
5000
79.37
MCP401X-104E
10000
158.73
MCP401X-504E
50000
793.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com